Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003G-H-B-TM3-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MJE13003G-H-B-TM3-T
Description  NPN SILICON POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-H-B-TM3-T Datasheet(HTML) 7 Page - Unisonic Technologies

  MJE13003G-H-B-TM3-T Datasheet HTML 1Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 2Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 3Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 4Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 5Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 6Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 7Page - Unisonic Technologies MJE13003G-H-B-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MJE13003-H
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R223-010.B
TYPICAL CHARACTERISTICS
0.02
DC Current Gain
0.03
0.05
2
80
60
40
30
20
1
0
8
4
0.1
0.2
0.3
0.5 0.7
Collector Current,IC (A)
0.002
Collector Saturation Region
0.005 0.01
1
2
1.6
1.2
0.8
0.4
0
0.02
0.05
0.1
0.2
0.5
Base Current, IB (A)
2
VCE=2V
- --- --VCE=5V
-55°C
25°C
TJ=150°C
6
0.07
1
TJ=25°C
1.5A
1A
0.5A
0.3A
Ic=0.1A
0.02
Base-Emitter Voltage
0.03
0.05
2
1.4
1.2
1
0.8
0.6
0.4
0.1
0.2
0.3
0.5 0.7
25°C
25°C
150°C
0.02
Collector-Emitter Saturation Region
0.03
0.05
0.5
0.35
0.25
0.2
0.15
0.05
0
0.1
0.2
0.3
1
2
Collector Current, IC (A)
25°C
VBE(SAT) @ IC/IB=3
--- ---VBE(ON) @ VCE=2V
TJ=-55°C
150°C
TJ=-55°C
Ic/IB=3
0.3
0.1
0.07
0.7
0.07
1
-0.4
Collector cut-off Region
-0.2
+0.6
0+0.2
+0.4
Base-Emitter Voltage, VBE (V)
VCE=250V
100°C
TJ=150°C
75°C
50°C
25°C
REVERSE
FORWARD
0.1
Capacitance
0.5
50
500
300
200
100
70
30
20
5
1
2
5
10 20
Reverse Voltage, VR (V)
100
1000
50
10
7
125°C
10
4
10
3
10
2
10
1
10
0
10
-1
CIB
COB
TJ=25°C
0.2
200 500
Collector Current,IC (A)


Similar Part No. - MJE13003G-H-B-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003G-H--X-T6C-A-K UTC-MJE13003G-H--X-T6C-A-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003G-H-T6C-K UTC-MJE13003G-H-T6C-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-H-X-T60-K UTC-MJE13003G-H-X-T60-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003G-H-X-T6C-K UTC-MJE13003G-H-X-T6C-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003G-H-X-T6S-K UTC-MJE13003G-H-X-T6S-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003G-H-B-TM3-T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com