Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA43-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSA43-T92-B
Description  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA43-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSA43-T92-B Datasheet HTML 1Page - Unisonic Technologies MPSA43-T92-B Datasheet HTML 2Page - Unisonic Technologies MPSA43-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MPSA42/43
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R208-034.C
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
The UTC MPSA42/43 are high voltage transistors, designed for
telephone switch and high voltage switch.
FEATURES
*Collector-Emitter voltage:
VCEO=300V(UTC MPSA42)
VCEO=200V(UTC MPSA43)
*High current gain
*Complement to UTC MPSA92/93
*Pb-free plating product number: MPSA42L
MPSA43L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
12
3
Packing
MPSA42-AB3-R
MPSA42L-AB3-R
MPSA42G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA42-T92-B
MPSA42L-T92-B
MPSA42G-T92-B
TO-92
E
B
C
Tape Box
MPSA42-T92-K
MPSA42L-T92-K
MPSA42G-T92-K
TO-92
E
B
C
Bulk
MPSA43-AB3-R
MPSA43L-AB3-R
MPSA43G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA43-T92-B
MPSA43L-T92-B
MPSA43G-T92-B
TO-92
E
B
C
Tape Box
MPSA43-T92-K
MPSA43L-T92-K
MPSA43G-T92-K
TO-92
E
B
C
Bulk


Similar Part No. - MPSA43-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA43-T92-B UTC-MPSA43-T92-B Datasheet
49Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MPSA43-T92-B UTC-MPSA43-T92-B Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MPSA43-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com