Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G11 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G11
Description  SINGLE 3-INPUT POSITIVE-AND GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G11 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G11 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G11 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G11 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G11 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G11 Datasheet HTML 5Page - Unisonic Technologies U74LVC1G11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G11
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-958, A
SINGLE 3-INPUT
POSITIVE-AND GATE
DESCRIPTION
The
U74LVC1G11
performs
the
Boolean
function
YA B C
 
or Y= A + B + C in positive logic.
The device is fully specified for partial-power-down applications
using Ioff. The Ioff circuitry disables the outputs, preventing damaging
current backflow through the device when it is powered down.
FEATURES
* Supports 5-V VCC Operation
* Inputs Accept Voltages to 5.5V
* Max tpd of 4.1ns at 3.3V
* Low power consumption, ICC=10μA (Max)
* Ioff supports Partial-Power-Down Mode
* ±24mA output drive at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G11L-AL6-R
U74LVC1G11G-AL6-R
SOT-363
Tape Reel
U74LVC1G11L-AL6-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AL6: SOT-363
(3) L: Lead Free, G: Halogen Free
MARKING
3A1
12
3
4
5
6
L: Lead Free
G: Halogen Free


Similar Part No. - U74LVC1G11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11G-AG6-R UTC-U74LVC1G11G-AG6-R Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11G-AL6-R UTC-U74LVC1G11G-AL6-R Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - U74LVC1G11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single 3-Input Positive-AND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com