Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-2100S Datasheet(PDF) 8 Page - Tyco Electronics

Part # D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-2100S Datasheet(HTML) 8 Page - Tyco Electronics

Back Button D-2100S Datasheet HTML 4Page - Tyco Electronics D-2100S Datasheet HTML 5Page - Tyco Electronics D-2100S Datasheet HTML 6Page - Tyco Electronics D-2100S Datasheet HTML 7Page - Tyco Electronics D-2100S Datasheet HTML 8Page - Tyco Electronics D-2100S Datasheet HTML 9Page - Tyco Electronics D-2100S Datasheet HTML 10Page - Tyco Electronics D-2100S Datasheet HTML 11Page - Tyco Electronics D-2100S Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
23
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
D-2100S (Continued)
D/C
321
3.4
±
0.3
3.5
±
0.4
A
2.5
B
B
3–ø0.8±0.05
2.5
±
0.05
2.6
3.75
±
0.05
2–ø2±0.05
A
±
0.05
ROUND 2–ø3MIN
Header Outline
2.5
N=A
±
0.05
PC Board Layout
Acceptable Board Thickness :
1.6±0.3
Circuit #
No. of
Pos.
3
Part Number
Dimensions
AB
5
10.2
1318123-J
No. of
Pos.
3
Part Number
Dimensions
AB
5
10.2
1376135-J
Board-mounting Tab Header
(Vertical Type)
Board-mounting Tab Header
(Horizontal Type)
PC Board Layout
Acceptable Board Thickness :
1.6±0.3
Circuit #
ROUND 2–ø3MIN
Header Outline
J
is for the following key codes: -1 (X-Type), -2 (Y-Type)
J
is for the following key codes: -1 (X-Type), -2 (Y-Type)
Mating Receptacle Housing
Part Number:
J
-1318120-J
1-1473074-3
Mating Receptacle Housing
Part Number:
J
-1318120-J
1-1473074-3


Similar Part No. - D-2100S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-200-0228 MACOM-D-200-0228 Datasheet
41Kb / 1P
   1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0229 MACOM-D-200-0229 Datasheet
41Kb / 1P
   1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0230 MACOM-D-200-0230 Datasheet
41Kb / 1P
   1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0231 MACOM-D-200-0231 Datasheet
41Kb / 1P
   1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0232 MACOM-D-200-0232 Datasheet
41Kb / 1P
   1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
More results

Similar Description - D-2100S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com