Selected language     English  ▼


D-2100S Datasheet(PDF) 9 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
24
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Appearance
Board mounting pitch: 2.5mm
Dielectric Withstanding Voltage: 1,500V (for one minute)
Voltage Rating: 250 VAC
Tab Housing
(Panel Type)
Tab Housing
(Free-hanging Type)
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Receptacle Contact
Tab Contact······For each line of contacts, refer to the appropriate pages.
Receptacle
Housing
Board-mounting
Tab Header
(Horizontal Type)
Board-mounting
Tab Header
(Vertical Type)
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
Keying
X
Y
X
Y
X
Y
Z
X
Y
X
Y
Part Number of
Receptacle Housing
1-1318119-3
2-1318119-3
1-1318119-4
2-1318119-4
1-1318118-6
2-1318118-6
3-1318118-6
1-1318118-8
2-1318118-8
1-1318118-9
2-1318118-9
Panel Type
1-1318114-3
2-1318114-3
1-1318114-4
2-1318114-4
1-1318114-6
2-1318114-6
1-1318114-9
2-1318114-9
Free-hanging Type
1-1318115-3
2-1318115-3
1-1318115-4
2-1318115-4
1-1318115-6
2-1318115-6
1-1318115-9
2-1318115-9
No. of
Pos.
Part Number of Tab Housing
6
8
12
16
20
Horizontal Type
1376136-1
1376136-2
1376009-1
1376009-2
1376020-1
1376020-2
1376137-1
1376137-2
Vertical Type
1318124-1
1318124-2
1318125-1
1318125-2
1318126-1
1318126-2
1318126-3
1747994-1
1747994-2
1318127-1
1318127-2
Part Number of Board-mounting Tab Header
D-2100D




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl