Selected language     English  ā–¼


D-2100S Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 1 page
background image
16
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
List of Products by
Application
D-2000 Series connectors are
the next smallest in Dynamic
Series, yet they can meet
requirements of connectors
for most industrial applica-
tions. They can be used
mainly for signal applications.
Signal lines under 250 V are
of 2.5 mm pitch, which can
accept 18 AWG wires. (5 A
max. per position)
D-2000 Series have several
unique characteristics such as
center-lock method for effec-
tive use of PCB properties,
contact-entrance method for
low profile shapes, and others.
D-2100S
1-Row Type
D-2100D
2-Row Type
D-2100M
Drawer Type
D-2100S
Free-Hanging Type
D-2100S
Board-Mounting
Vertical Type
D-2100D
Board-Mounting
Vertical Type
D-2100D
Free-Hanging
Type
D-2100D
Panel Type
D-2100S
Panel Type
D-2100S
Receptacle Housing
D-2100D
Receptacle Housing
Receptacle
Housing
Panel Mounting
Screw
Tab
Housing
Receptacle
Assembly
(with screw)
Receptacle
Assembly
(with screw)
Tab
Assembly
(with screw)
Header
Assembly




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl