Selected language     English  ▼


D-2100S Datasheet(PDF) 11 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
26
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
D-2100D (Continued)
Horizontal Type
Vertical Type
Panel / Free-hanging Type
B
A
37.8
30.69
B
A
24.9
17.79
27.3
20.19
Mating Dimensions
External Dimensions
Receptacle Housing
B
A
2.5
2.5
B
A
BA
C
10.5
No. of
Pos.
6
8
12
16
20
Part Number of
Receptacle Housing
Dimensions
AB
C
08.3
08.9
15.8
10.8
11.4
15.8
15.8
16.4
14.8
20.8
21.4
14.8
25.8
26.4
14.8
J
-1318119-3
J
-1318119-4
J
-1318118-6
J
-1318118-8
J
-1318118-9
J
is for the following key codes:
1- (X-Type), 2- (Y-Type), 3- (Z-Type - Only 12 position)
No. of
Pos.
6
8
12
20
Part Number of Tab Housing
Dimensions
AB
C**
D**
E**
10.2
04.0*
10.5
16.5
16.38
12.7
04.0*
13.0
19.0
18.88
17.7
11.5*
18.0
24.0
23.88
27.7
11.5*
28.0
34.0
33.88
Panel Type
J
-1318114-3
J
-1318114-4
J
-1318114-6
J
-1318114-9
Free-hanging Type
J
-1318115-3
J
-1318115-4
J
-1318115-6
J
-1318115-9
**Applies only for panel type. *The dimension “B” for panel type is 6.0mm.
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
Panel Cutout
C
±
0.05
D
±
0.05
1.5
10.7
1.5
10.7
X
X
Circuit #1
11.25
13.2
E
B
A
8.6
4.75
Circuit #1
11.25
13.2
1
A
B
I
Tab Housing
Panel Type
Free-Hanging
Type
Mating Tab Connector
Part Number:
J
-1318114-JJ-1376136-J
J
-1318115-JJ-1376009-J
J
-1318124-JJ-1376020-J
J
-1318125-JJ-1376137-J
J
-1318126-JJ-1747994-J
J
-1318127-J
Mating Receptacle Housing
Part Number:
J
-1318119-JJ-1318118-J
9.45
9.45




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl