Selected language     English  ▼


D-2100S Datasheet(PDF) 2 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 2 page
background image
17
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Voltage Rating
Description
Material
Receptacle contact
Tab contact
Copper alloy
Copper alloy
Finish
Contact area 0.38 µm min. gold
plating underplated nickel
Contact area 0.38 µm min. gold
plating — Contact tail tin plated
underplated nickel
Tab post
Housing
UL94V-0 rated glass filled polyester (PBT)
Material and Finish
Pitch
Item
Current Rating
1-position : 5A
3-position : 5A
6-position : 5A
8-position : 4.5A
12-position : 4A
20-position : 3.2A
(when using #18 AWG wire)
Contact Resistance
Dielectric Withstanding Voltage
Operating Temperature
10 mΩ max.
1,500 V (1minute)
-55˚~+105˚C
*When connectors are used singly.
2.5mm
250 VAC
Performance Specifications




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl