Selected language     English  ▼


D-2100S Datasheet(PDF) 3 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
18
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Performance Specifications
(Continued)
Specifications and
Instruction Sheet
Instruction Sheet-
Hand Tools
Safety Specifications
The safety specifications listed below are approved on specific part numbers. Contact our Sales
Department to check if the part numbers you use are approved or not. Keep in mind that there are
instances where values differ from those given by Tyco Electronics Specifications.
Product Specification
Testing Report
Application Specification
Instruction Sheet-Extraction Tool
108-5619, 108-5659 (Drawer Type)
501-5261
114-5258
411-5900
Specifications and Instruction Sheet
Instruction Sheet-Manual Tool
Tool Part No.
91576-1
91595-1
IS No.
408-8547
408-8547
(
)
Specifications
108-5619 (Standard)
108-5659 (Drawer Type)
Series
Specifications
UL File No. E28476
CSA Report No.
LR7189
TÜV License No.
R 9950679
250 V
Voltage
Rating
D-2100 Series
D-2100M Drawer Type
Current
Rating
Temperature
Rating
Voltage
Rating
Current
Rating
Temperature
Rating
Determined by
requirements
of equipment in use.
250 V
125 V
250 V
5A
(1 position)
Determined by
requirements
of equipment in use.
#24~28 AWG : 3.3A
#18~22 AWG : 5A
5A
-55° to +105˚C
-55° to +105˚C
-55° to +105˚C
*Remember to obtain Instruction Sheets when you choose to use these tools.
Extraction Tool Part Number: 1276716-1 (411-5900)
Keying Plug Part Number: 641994-1
Tab Contact Cutting Tool Part Number: 919041-2
2.6A
with #20 AWG
50 position




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl