Electronic Components Datasheet Search
Selected language     English  ▼


D-2100S Datasheet(PDF) 4 Page - Tyco Electronics

Part No. D-2100S
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
19
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
D-2 Contact and
Application Tooling
Crimp Type
(Gold plating : 0.38 µm)
Receptacle Contact
(Used on Receptacle Housing)
Tab Contact
(Used on Tab Housing)
Wire Range
AWG
mm2
Wire
Ins.
Diameter
Wire
Range
Mark
Application Tooling Part Number
Mini-Applicator**
Hand Tool
28
26
24
22
20
18
0.08
0.12
0.20
0.88~1.5
S
ST.
LP.
ST.
LP.
**
**
**
**
91576-1
91595-1
M
1.11~1.87
0.30
0.50
0.85
Contact Part Number*
Receptacle Contact
Tab Contact
1318106-1
1318108-1
1318105-1
1318107-1
1318110-1
1318112-1
1318109-1
1318111-1
* Strip Form contacts are for use with Mini-Applicators (automachines) and Loose-Piece contacts are for Hand Tools.
**Mini-Applicators are for use with automachines. (For part numbers, contact Technical Support.)
Application Tooling
AMP-3K/40 and AMP-5K/40
Terminating Machines
The AMP-3K/40 and AMP-5K/40 Terminators
are designed for customers that require the
increased output and quality of a semiautomatic
machine at a competitive price. By incorporat-
ing the most commonly requested features as
standard and offering a long list of optional
equipment, these terminators offer flexibility to
meet the specific needs of various applications
at the lowest possible cost.
• 3,000 lb. [1361 kg] max. crimp force
(AMP-3K/40)
5,000 lb. [2268 kg] max. crimp force
(AMP-5K/40)
• Toolless removal of applicators and guards
• Jog capability
• Quiet, fast operation — 80/76 dBA and cycle
time less than 0.400 seconds
• Accepts Heavy Duty Mini style applicators
• Wide range of optional equipment such as
toolless precision crimp height adjust, batch
counter, CQM capability and work light
• Order Catalog 1654856 for specifications
and part numbers
Hand Tool
The crimping section incorporates
Straight Action construction for
improved reliability as with
automachine.
Part No. :
See the chart above.
Minimum order quantity : 1
Mini-Applicator
Part Number : Contact Technical Support
Minimum order quantity : 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl