Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G08L-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G08L-AE5-R
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G08L-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G08L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G08L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G08L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G08L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G08L-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G08L-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74LVC1G86
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A73.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output Voltage
Output in the high or low state
VOUT
-0.5 ~ VCC+0.5
V
Output in the high-impedance or
power-off state
-0.5 ~ +6.5
V
Continuous VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
±50
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT<0)
IOK
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
High-level Output Current
IOH
VCC=1.65V
-4
mA
VCC=2.3V
-8
mA
VCC=3V
-16
mA
VCC=3V
-24
mA
VCC=4.5V
-32
mA
Low-level Output Current
IOL
VCC=1.65V
4
mA
VCC=2.3V
8
mA
VCC=3V
16
mA
VCC=3V
24
mA
VCC=4.5V
32
mA
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
VCC=5V±0.5V
5
ns/V


Similar Part No. - U74LVC1G08L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G08L-AE5-R UTC-U74LVC1G08L-AE5-R Datasheet
171Kb / 5P
   2-INPUT AND GATE
U74LVC1G08L-AE5-R UTC-U74LVC1G08L-AE5-R Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
U74LVC1G08L-AE5-R UTC-U74LVC1G08L-AE5-R Datasheet
194Kb / 5P
   2-INPUT AND GATE
More results

Similar Description - U74LVC1G08L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com