Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC02AL-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC02AL-S14-R
Description  QUAD 2-INPUT POSITIVE-NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC02AL-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC02AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC02AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC02AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC02AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC02AL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC02A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-992.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage (any output in the high or low state)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
127
°С/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
3.6
V
Data retention only
1.5
High-Level Input Voltage
VIH
VCC = 1.65V to 1.95V
0.65×VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 2.7V to 3.6V
2
Low-Level Input Voltage
VIL
VCC = 1.65V to 1.95V
0.35×VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 2.7V to 3.6V
0.8
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
High-level Output Current
IOH
VCC=1.65V
-4
mA
VCC=2.3V
-8
VCC=2.7V
-12
VCC=3V
-24
Low-level Output Current
IOL
VCC=1.65V
4
mA
VCC=2.3V
8
VCC=2.7V
12
VCC=3V
24
Input Transition Rise or Fall Rate
t/v
VCC=1.2 to 2.7V
20
ns/V
VCC=2.7 to 3.6V
10
Operating Temperature
TA
-40
85
°C


Similar Part No. - U74LVC02AL-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC02AG-P14-R UTC-U74LVC02AG-P14-R Datasheet
193Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
U74LVC02AG-S14-R UTC-U74LVC02AG-S14-R Datasheet
193Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
U74LVC02A UTC-U74LVC02A_15 Datasheet
193Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - U74LVC02AL-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC02A UTC-U74LVC02A_15 Datasheet
193Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com