Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1367703-2 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 3-1367703-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1367703-2 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 3-1367703-2 Datasheet HTML 16Page - Tyco Electronics 3-1367703-2 Datasheet HTML 17Page - Tyco Electronics 3-1367703-2 Datasheet HTML 18Page - Tyco Electronics 3-1367703-2 Datasheet HTML 19Page - Tyco Electronics 3-1367703-2 Datasheet HTML 20Page - Tyco Electronics 3-1367703-2 Datasheet HTML 21Page - Tyco Electronics 3-1367703-2 Datasheet HTML 22Page - Tyco Electronics 3-1367703-2 Datasheet HTML 23Page - Tyco Electronics 3-1367703-2 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Tyco Electronics has released new stacked
RJ45 modular jacks designed to meet both
AdvancedTCA and AdvancedMC standards.
The offset has been designed to fit the
faceplate and board layout in AdvancedTCA
and full-size AdvancedMC modules, while
providing the port density of the stacked
configuration. These jacks are shielded
and include panel ground springs for EMI
containment. They are available in 2x1,
2x4, 2x6, and 2x8 configurations, with and
without LEDs, and are designed for GigE
performance.
www.tycoelectronics.com/products/atca
Catalog 82066
Stacked RJ45 Modular Jacks for AdvancedTCA, AdvancedMC Standards
FEATURES
• Offset designed to meet both
AdvancedTCA and AdvancedMC
standards
• Category 5 Performance
• Available in 2x1, 2x4, 2x6, and 2x8
configurations
• Press-fit termination to the board
• Available with various LED options
Part Number
LED #1
LED #2
LED #3
LED #4
Ground
Shield Side
(3.27 mm Offset)
Configuration
(Lower Port
(Upper Port
(Upper Port
(Lower Port
Clips
Ground Pins
Left Side)
Left Side)
Right Side)
Right Side)
1888652-1
2x1
None
None
None
None
No
Yes
1888652-2
2x1
None
None
None
None
Yes
Yes
1888653-1
2x1
Green
Green
Green
Green
No
Yes
1888653-2
2x1
Green
Green
Green
Green
Yes
Yes
1888653-3
2x1
Yellow
Yellow
Green
Green
Yes
Yes
1888653-4
2x1
Green
Green
Yellow
Yellow
Yes
Yes
1888506-1
2x4
None
None
None
None
No
Yes
1888506-2
2x4
None
None
None
None
Yes
Yes
1888507-1
2x4
Green
Green
Green
Green
No
Yes
1888507-2
2x4
Green
Green
Green
Green
Yes
Yes
1888507-3
2x4
Green
Green
Yellow
Yellow
No
Yes
1888507-4
2x4
Green/Yellow
Green/Yellow
Green/Yellow
Green/Yellow
Yes
Yes
1888508-1
2x6
None
None
None
None
No
Yes
1888508-2
2x6
None
None
None
None
Yes
Yes
1888509-1
2x6
Green
Green
Green
Green
No
Yes
1888509-2
2x6
Green
Green
Green
Green
Yes
Yes
1888509-3
2x6
Green
Green
Yellow
Yellow
No
Yes
1888509-4
2x6
Green/Yellow
Green/Yellow
Green/Yellow
Green/Yellow
Yes
Yes
1888654-1
2x8
None
None
None
None
No
No
1888654-2
2x8
None
None
None
None
No
Yes
1888654-3
2x8
None
None
None
None
Yes
Yes
1888654-4
2x8
None
None
None
None
Yes
No
1888655-1
2x8
Green
Green
Green
Green
No
No
1888655-2
2x8
Green
Green
Green
Green
No
Yes
1888655-3
2x8
Green
Green
Green
Green
Yes
Yes
1888655-4
2x8
Green
Green
Green
Green
Yes
No
1888655-5
2x8
Green
Green
Yellow
Yellow
No
Yes
Note: Part Numbers are RoHS compliant.


Similar Part No. - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1367703-2 MACOM-3-1367703-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com