Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1469373-9 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 9-1469373-9
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1469373-9 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 9-1469373-9 Datasheet HTML 11Page - Tyco Electronics 9-1469373-9 Datasheet HTML 12Page - Tyco Electronics 9-1469373-9 Datasheet HTML 13Page - Tyco Electronics 9-1469373-9 Datasheet HTML 14Page - Tyco Electronics 9-1469373-9 Datasheet HTML 15Page - Tyco Electronics 9-1469373-9 Datasheet HTML 16Page - Tyco Electronics 9-1469373-9 Datasheet HTML 17Page - Tyco Electronics 9-1469373-9 Datasheet HTML 18Page - Tyco Electronics 9-1469373-9 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Tyco Electronics AdvancedTCA Guide
Modules are available in various sizes and
configurations and are suitable for use in
a wide variety of applications including front
board, mid plane, backplane, and a Rear
Transition Module as specified in the
AdvancedTCA specification. The guide
hardware features improved locating
features to confirm guidance is maintained
across all component tolerances while the
dual-keyed pin configuration allows for
many different keying possibilities.
www.tycoelectronics.com/products/atca
Catalog 1773095
AdvancedTCA — Guide Modules
FEATURES:
• Configurations for front board and
backplane as well as midplane and
coplanar applications in the RTM
• Vertical and right angle pins to
support right angle and coplanar
board configurations
• Guide pins are available in short or
long lengths to accommodate var-
ious Tyco Electronics connectors
AdvancedTCA Guide/
Keying Modules
The AdvancedTCA Guide
Modules can be used in a
wide variety of applications.
For motherboard-to-
daughtercard applications
the vertical pin and right
angle socket are used.
This popular configuration is
further supported by our
wide offering of available
keying positions. Each of
the two keyed guide pins
and guide sockets per mod-
ule can be produced
in a variety of different key
positions. For co-planar
applications, the right angle
guide pins are used along
with the right angle guide
sockets. Both vertical and
right angle guide pins are
available in short or long
sizes, to accommodate
being used with different
Tyco Electronics connectors.
AdvancedTCA
AdvancedTCA
Description
Part Number
Name
Location
rA1
Backplane
Rear Alignment Post
1469269-2
3.00 – 4.00 [.118 – .157] PCB Thickness
rA1
Backplane
Rear Alignment Post
1469269-4
4.10 – 6.00 [.161 – .236] PCB Thickness
rA1
Backplane
Rear Alignment Post
1469269-6
6.10 – 8.00 [.240 – .315] PCB Thickness
A2 (RTM)
Rear Transition Module
Right Angle Male, Keyed
1-1469372-1
K1/K2
Front Board
Right Angle Female, Keyed
1-1469373-1
K1/K2
Front Board
Right Angle Female, Unkeyed Dummy
9-1469373-9
rK1
Rear Transition
Right Angle Female
1469374-1
A1
Backplane
Vertical Male, Keyed, Short
1-1469387-1
A2
Mid-Plane
Vertical Male, Keyed, Long
1-1469388-1
Note: Part Numbers are RoHS compliant.
rA1
A2 (RTM)
K1/K2
rK1
A1
A2


Similar Part No. - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1461249-0 MACOM-9-1461249-0 Datasheet
298Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
9-1462036-1 TEC-9-1462036-1 Datasheet
1Mb / 5P
   Telecom/signal relay
9-1462036-3 TEC-9-1462036-3 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
9-1462037-9 MACOM-9-1462037-9 Datasheet
236Kb / 6P
   IM-Relay
9-1462037-9 MACOM-9-1462037-9 Datasheet
2Mb / 6P
   IM Relay
More results

Similar Description - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com