Electronic Components Datasheet Search |
|
9-1469373-9 Datasheet(PDF) 20 Page - Tyco Electronics |
|
9-1469373-9 Datasheet(HTML) 20 Page - Tyco Electronics |
20 / 32 page 20 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Compliant to xTCA or AdvancedMC Specifications Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Tyco Electronics has released new stacked RJ45 modular jacks designed to meet both AdvancedTCA and AdvancedMC standards. The offset has been designed to fit the faceplate and board layout in AdvancedTCA and full-size AdvancedMC modules, while providing the port density of the stacked configuration. These jacks are shielded and include panel ground springs for EMI containment. They are available in 2x1, 2x4, 2x6, and 2x8 configurations, with and without LEDs, and are designed for GigE performance. www.tycoelectronics.com/products/atca Catalog 82066 Stacked RJ45 Modular Jacks for AdvancedTCA, AdvancedMC Standards FEATURES • Offset designed to meet both AdvancedTCA and AdvancedMC standards • Category 5 Performance • Available in 2x1, 2x4, 2x6, and 2x8 configurations • Press-fit termination to the board • Available with various LED options Part Number LED #1 LED #2 LED #3 LED #4 Ground Shield Side (3.27 mm Offset) Configuration (Lower Port (Upper Port (Upper Port (Lower Port Clips Ground Pins Left Side) Left Side) Right Side) Right Side) 1888652-1 2x1 None None None None No Yes 1888652-2 2x1 None None None None Yes Yes 1888653-1 2x1 Green Green Green Green No Yes 1888653-2 2x1 Green Green Green Green Yes Yes 1888653-3 2x1 Yellow Yellow Green Green Yes Yes 1888653-4 2x1 Green Green Yellow Yellow Yes Yes 1888506-1 2x4 None None None None No Yes 1888506-2 2x4 None None None None Yes Yes 1888507-1 2x4 Green Green Green Green No Yes 1888507-2 2x4 Green Green Green Green Yes Yes 1888507-3 2x4 Green Green Yellow Yellow No Yes 1888507-4 2x4 Green/Yellow Green/Yellow Green/Yellow Green/Yellow Yes Yes 1888508-1 2x6 None None None None No Yes 1888508-2 2x6 None None None None Yes Yes 1888509-1 2x6 Green Green Green Green No Yes 1888509-2 2x6 Green Green Green Green Yes Yes 1888509-3 2x6 Green Green Yellow Yellow No Yes 1888509-4 2x6 Green/Yellow Green/Yellow Green/Yellow Green/Yellow Yes Yes 1888654-1 2x8 None None None None No No 1888654-2 2x8 None None None None No Yes 1888654-3 2x8 None None None None Yes Yes 1888654-4 2x8 None None None None Yes No 1888655-1 2x8 Green Green Green Green No No 1888655-2 2x8 Green Green Green Green No Yes 1888655-3 2x8 Green Green Green Green Yes Yes 1888655-4 2x8 Green Green Green Green Yes No 1888655-5 2x8 Green Green Yellow Yellow No Yes Note: Part Numbers are RoHS compliant. |
Similar Part No. - 9-1469373-9 |
|
Similar Description - 9-1469373-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |