Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1469373-9 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 9-1469373-9
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1469373-9 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 9-1469373-9 Datasheet HTML 18Page - Tyco Electronics 9-1469373-9 Datasheet HTML 19Page - Tyco Electronics 9-1469373-9 Datasheet HTML 20Page - Tyco Electronics 9-1469373-9 Datasheet HTML 21Page - Tyco Electronics 9-1469373-9 Datasheet HTML 22Page - Tyco Electronics 9-1469373-9 Datasheet HTML 23Page - Tyco Electronics 9-1469373-9 Datasheet HTML 24Page - Tyco Electronics 9-1469373-9 Datasheet HTML 25Page - Tyco Electronics 9-1469373-9 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Infiniband is a trademark of Infiniband
Trade Association.
The SFP (Small Form-Factor Pluggable)
supports hot swap of various types of fiber
optics and copper based transceivers into
host equipment. This allows the customer to
have a flexible change between different
protocols. The different applications are
Fiber Channel, Ethernet, and Infiniband.
SFP board cages exist in multiple versions
that fit AdvancedTCA systems.
The one port cages are available in a
one piece design (press-fit or solder) and a
two piece design (press-fit, solder or SMT).
Ganged versions (available in 1x6; 1x4;
1x2) are available with or without light
pipes. The ganged product has the
option of integrated host connector.
Tyco Electronics is currently developing
stacked versions (2x4 as primary option)
that fit AdvancedTCA requirements.
www.tycoelectronics.com/product/atca
www.sfp.tycoelectronics.com
Catalog 1773408
Flyer 1654720 / 1654095 / 1773078
AdvancedTCA — Front & Rear I/O Connectors – SFP Modules
FEATURES
• Products
according
to
MSA
(Multi-Source Agreement)
• Uses 20 positions PT connector
• Hot Swappable
• Three stage sequencing
• Supports data-rates up to 5 Gbps
• Chassis ground for pass through
EMI protection to 12.5 Gbps
• Accepts copper and fiber optic
transceivers
• Direct attach copper cable assem-
blies available with or without
active equalization.
SFP Modules
Part Number
Port
Insertion
Connector
Height
Configuration
Style
Included
Profile
Stacked
1658628-1
2x1
Press-fit
Yes
Low
1658629-1
2x4
Press-fit
Yes
Low
1658894-1
2x6
Press-fit
Yes
Low
Ganged
1761014-1
1x2
Press-fit
No
1658744-1
1x4
Press-fit
No
1761015-1
1x6
Press-fit
No
Single
6367035-1
1x1
Solder Tail
No
Standard
6367034-1
1x1
Solder Tail
No
Standard
1489669-1
1x1
Press-fit
No
Standard
1489779-1
1x1
Press-fit
No
Standard
Note: Part Numbers are RoHS compliant.


Similar Part No. - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1461249-0 MACOM-9-1461249-0 Datasheet
298Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
9-1462036-1 TEC-9-1462036-1 Datasheet
1Mb / 5P
   Telecom/signal relay
9-1462036-3 TEC-9-1462036-3 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
9-1462037-9 MACOM-9-1462037-9 Datasheet
236Kb / 6P
   IM-Relay
9-1462037-9 MACOM-9-1462037-9 Datasheet
2Mb / 6P
   IM Relay
More results

Similar Description - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com