Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1469373-9 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 9-1469373-9
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1469373-9 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 9-1469373-9 Datasheet HTML 19Page - Tyco Electronics 9-1469373-9 Datasheet HTML 20Page - Tyco Electronics 9-1469373-9 Datasheet HTML 21Page - Tyco Electronics 9-1469373-9 Datasheet HTML 22Page - Tyco Electronics 9-1469373-9 Datasheet HTML 23Page - Tyco Electronics 9-1469373-9 Datasheet HTML 24Page - Tyco Electronics 9-1469373-9 Datasheet HTML 25Page - Tyco Electronics 9-1469373-9 Datasheet HTML 26Page - Tyco Electronics 9-1469373-9 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Thermal Interface Products are mandatory
for reducing the waste heat and cooling
the system in the most efficient way. Waste
heat reduces the silicon chip reliability and
performance. In addition to the products
Tyco Electronics is offering such as Heat
Sinks, Heat Pipes and CHIP COOLERs,
in all shapes and sizes, Tyco Electronics
offers state of the art Thermal Management
Services. Thermal Management is the
design practice of moving waste heat to
locations that do not affect the equipment or
overall device performance. Each Thermal
Product can be fully customized
to fulfill the specific requested system
cooling requirements.
www.tycoelectronics.com/products/atca
www.thermal.tycoelectronics.com
Catalog 1309431
Flyer 1308225
AdvancedTCA — Thermal Products & Services
FEATURES
• Tyco Electronics thermal solutions
provide
optimum
cooling
for
active components like BGA (Ball
Grid Array), MCM modules, opti-
cal modules and power devices
• Compatible to most AdvancedTCA
connector
form
factors,
low
profile solutions
• Off the shelf as well as customized
products
• Heat pipe technology in combin-
ation with passive heat sinks
• Advanced
thermal
conductive
polymer for weight and cost
reduction
• Full CFD (Computational Fluid
Dynamics) simulation and analy-
sis, optimum Thermal design
numerical
and
analytical
approaches
Tyco Electronics’ MRJ21 receptacle is a
high density I/O interconnect. This high
density connector supports AdvancedMC
Mid-size and Full-size module face plates
and AdvancedTCA face plates. It can also
be used for Rear I/O via Rear Transition
Modules (RTMs), as well as in
AdvancedTCA Zone 3 applications.
The MRJ21 connector is fully shielded and
provides density savings for current 10/100
or GbE RJ45/RJ21 applications. The low
profile and narrow width design will allow
more ports to be packed into less space.
Tyco Electronics offers a full end-user
solution with cleaner cabling solutions over
RJ45s, and patch panels for plug-and-play
environment, including data centers and
zone cabled or open office environments.
www.tycoelectronics.com/products/atca
AdvancedTCA — Front & Rear I/O Connectors — MRJ21 Receptacles
FEATURES
• 1.5 to 3 times the port density
of stacked Mod Jacks (RJ45).
3 times the port density of RJ21
• Contact layout and footprint for
differential pairs creates reduced
cross-talk and built in compensa-
tion
• Connector is designed to meet or
exceed Cat 5e cross-talk
• Fully
shielded
system
to
control
EMI
(Electro-magnetic
Interference)
• Robust die cast cable covers pro-
vide 45 degrees left or right cable
exit for ease of routing
• 1 mm pair spacing, 1.5 mm pair
to pair spacing
• Patch panels and cable manage-
ment solutions available
MRJ21 PCB Receptacles (48-position)
Part Number
Panel
PCB
Grounds
Termination
1761482-1
No
Solder
1761482-2
Yes
Solder
1761482-4
No
Press-Fit
Screwlocks sold separately
Receptacle Screwlocks
Part Number
Panel
Thickness
1339381-1
< 1mm
1339381-2
> 1mm to
< 2mm
Note: Part Numbers are RoHS compliant.


Similar Part No. - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1461249-0 MACOM-9-1461249-0 Datasheet
298Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
9-1462036-1 TEC-9-1462036-1 Datasheet
1Mb / 5P
   Telecom/signal relay
9-1462036-3 TEC-9-1462036-3 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
9-1462037-9 MACOM-9-1462037-9 Datasheet
236Kb / 6P
   IM-Relay
9-1462037-9 MACOM-9-1462037-9 Datasheet
2Mb / 6P
   IM Relay
More results

Similar Description - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com