Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1469373-9 Datasheet(PDF) 27 Page - Tyco Electronics

Part # 9-1469373-9
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1469373-9 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 9-1469373-9 Datasheet HTML 23Page - Tyco Electronics 9-1469373-9 Datasheet HTML 24Page - Tyco Electronics 9-1469373-9 Datasheet HTML 25Page - Tyco Electronics 9-1469373-9 Datasheet HTML 26Page - Tyco Electronics 9-1469373-9 Datasheet HTML 27Page - Tyco Electronics 9-1469373-9 Datasheet HTML 28Page - Tyco Electronics 9-1469373-9 Datasheet HTML 29Page - Tyco Electronics 9-1469373-9 Datasheet HTML 30Page - Tyco Electronics 9-1469373-9 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Tyco Electronics Power Systems introduces
the industry's first power input management
solution for AdvancedTCA boards. The
AdvancedTCA power input module (PIM)
is designed in collaboration with industry
leading AdvancedTCA board manufacturers
and provides innovative features and
compact design. PIM modules incorporate
all the features required by AdvancedTCA
specifications (PICMG 3.0) and enable
designers to save valuable board real estate
and reduce overall board cost and time to
market compared to discrete solutions.
A Complete Power Architecture
PIM series along with Tyco Electronics’
isolated DC/DC and bus converters and
point of load modules, provide a complete
and low-cost power architectural solution
while complying with AdvancedTCA board
power requirements.
www.tycoelectronics.com/products/atca
www.power.tycoelectronics.com
Flyer PIM05-001
AdvancedTCA — Power Distribution & Management Modules
FEATURES
• 200/300 W of power (per PICMG
3.0)
• Inrush control protection
• Integrated EMI filter designed to
meet CISPR Class B Limits
• Directive 2002/95/EC RoHS com-
pliant
• 8 W of Isolated auxiliary power
supply for IPMI (3.3 V or 5 V)
• O-Ring FETs for -48 V A&B feeds
• A/B feed loss alarm
• Hot-swap control
• 72 V charging voltage for holdup/
bulk capacitors
• Through-hole and surface mount
(SMT) versions
• Input under-voltage and over-volt-
age protections
• Over current and thermal protec-
tions
• UL /CSA/CE / VDE approved
PIM200/PIM300
PIM
Discrete
PICMG 3.0 compliant
Yes
Board level
Fully tested & burned-in
Yes
Board level
Fully qualified
Yes
Board level
Parts count
1
> 100
Design-in time
Lower
Higher
Assembly cost
Lower
Higher
Yield/Repair cost
Lower
Higher
Time to market
Lower
Higher
Standard off-shelf part
Yes
No
Device Code
Input Voltage
Output
Vmg/mt
Connector
Comcode
Power
Output
Type
PIM200FZ
-48 V (-38 to -75 V DC)
200 W
-3.3 V DC
Thru Hole
CC109101813
PIM200AZ
-48 V (-38 to -75 V DC)
200 W
-5.0 V DC
Thru Hole
CC109106762
PIM300FZ
-48 V (-38 to -75 V DC)
300 W
-3.3 V DC
Thru Hole
CC109113858
PIM300AZ
-48 V (-38 to -75 V DC)
300 W
-5.0 V DC
Thru Hole
CC109122322


Similar Part No. - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1461249-0 MACOM-9-1461249-0 Datasheet
298Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
9-1462036-1 TEC-9-1462036-1 Datasheet
1Mb / 5P
   Telecom/signal relay
9-1462036-3 TEC-9-1462036-3 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
9-1462037-9 MACOM-9-1462037-9 Datasheet
236Kb / 6P
   IM-Relay
9-1462037-9 MACOM-9-1462037-9 Datasheet
2Mb / 6P
   IM Relay
More results

Similar Description - 9-1469373-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com