Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6S-9104 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6S-9104
Description  DIP Switch with Slide Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6S-9104 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6S-9104 Datasheet HTML 1Page - Omron Electronics LLC A6S-9104 Datasheet HTML 2Page - Omron Electronics LLC A6S-9104 Datasheet HTML 3Page - Omron Electronics LLC A6S-9104 Datasheet HTML 4Page - Omron Electronics LLC A6S-9104 Datasheet HTML 5Page - Omron Electronics LLC A6S-9104 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DIP Switch
A6T/A6S
1191
Specifications
I Characteristics
Dimensions
Unit: mm (inch)
Note: Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Switching capacity
25 mA at 24 VDC
Insulation resistance
100 M
Ω min. (at 250 VDC)
Contact resistance
200 m
Ω max. (initial value)
Dielectric strength
500 VAC for 1 min between terminals of same polarity, and between terminals of
different polarity
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 300 m/s2 min. (approx. 30G min.)
Life expectancy
Mechanical
1,000 operations min.
Electrical
1,000 operations min.
Ambient temperature
Operating
-20°C to 70°C (with no icing)
Ambient humidity
Operating
35% to 90%
Operating force
30 gf
I Flat Actuated with DIP Terminal
Standard/With Seal Tape
A6T-
@101
A6T-
@102
I Raised Actuator
With DIP Terminal
A6T-
@104
No. of
poles
Part number
A
1
A6T-1101
A6T-1102
A6T-1104
3.48
2
A6T-2101
A6T-2102
A6T-2104
6.02
4
A6T-4101
A6T-4102
A6T-4104
11.10
6
A6T-6101
A6T-6102
A6T-6104
16.18
8
A6T-8101
A6T-8102
A6T-8104
21.26
10
A6T-0101
A6T-0102
A6T-0104
26.34


Similar Part No. - A6S-9104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-9104-H OMRON-A6S-9104-H Datasheet
933Kb / 6P
   DIP Switch
More results

Similar Description - A6S-9104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6TN OMRON-A6TN Datasheet
242Kb / 2P
   Slide DIP Switch
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6SN OMRON-A6SN Datasheet
281Kb / 3P
   Slide DIP Switch (SMT)
A6HF OMRON-A6HF Datasheet
230Kb / 2P
   Slide DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com