Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85079 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 85079
Description  LTCC High Temperature Inductors 0.15x0.15 inch (3.8x3.8 mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

85079 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  85079 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is protected under US Patent #6054914, #6198374 and other international patents.
Specifications subject to change without notice. 07/11
LTCC
High Temperature Inductors
0.15x0.15 inch (3.8x3.8 mm)
NASCENTechnology, Inc. has developed a series of high temperature, RoHS compliant inductors using
low temperature co-fired ceramic (LTCC) ferrite usable to 300
°C that feature low profile, rugged
packaging, and self shielding characteristics.
Tolerance for no load inductance is ±25 %
†† Current will cause a 35 °C temperature rise over ambient (measured 20 to 55 °C)
* Saturation Current is the current that results in a 35% decrease in inductance over the 100 mA Inductance.
Part dimension units: inches [millimeters]
For additional information, contact: Daryl Schofield, General Manager
Phone: 605-882-8513, Fax: 605-884-2450, E-mail: dschofield@nascentechnology.com
NASCENTechnology, Inc. 121 Airport Drive, Watertown, SD 57201
www.nascentechnology.com
0%
20%
40%
60%
80%
100%
0
100
200
300
Temperature (ºC)
Inductance Change with Temperature
Electrical Parameters at 25 °C unless otherwise noted
Part No.
No Load
Inductance
µH
100 mA
Inductance
µH
100 mA
Tolerance
Nominal DC
Resistance
ohms
Rated
Current
††
mA
Saturation
Current*
mA
85093
0.9
0.9
25 %
0.4
-
275
85092
5.5
4.7
25%
1
-
225
85091
7
6
25 %
0.5
-
225
85078
8.5
7
25 %
0.25
-
275
85079
35
26
25%
1.4
-
250
85080
80
50
25 %
3.75
-
225


Similar Part No. - 85079

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85079352 HUBERSUHNER-85079352 Datasheet
908Kb / 2P
   COAXIAL CONNECTOR, BMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
85079659 HUBERSUHNER-85079659 Datasheet
710Kb / 3P
   MLEH 6x6, 8AWG, SM, blunt cut to blunt cut, Q-ODC-2 to LC
85079668 HUBERSUHNER-85079668 Datasheet
987Kb / 5P
   MLEH 6x6, 6AWG, SM, blunt cut to blunt cut, Q-ODC-2 to LC
85079672 HUBERSUHNER-85079672 Datasheet
987Kb / 5P
   MLEH 6x6, 6AWG, SM, blunt cut to blunt cut, Q-ODC-2 to LC
85079673 HUBERSUHNER-85079673 Datasheet
987Kb / 5P
   MLEH 6x6, 6AWG, SM, blunt cut to blunt cut, Q-ODC-2 to LC
More results

Similar Description - 85079

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
85071 ETC2-85071 Datasheet
308Kb / 1P
   LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85084 ETC2-85084 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85008 ETC2-85008 Datasheet
303Kb / 1P
   LTCC High Temperature Inductors 0.27x0.27 inch size
85022 ETC2-85022 Datasheet
308Kb / 1P
   LTCC High Temperature Inductors 0.30x0.30 inch Size
85042 ETC2-85042 Datasheet
313Kb / 1P
   LTCC High Temperature Inductors 0.40x0.40 inch size
85090 ETC2-85090 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.27x0.27 inch size Higher Current Series
85081 ETC2-85081 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.40x0.40 inch size Higher Current Series
logo
TAI-SAW TECHNOLOGY CO.,...
TC0337A TAI-SAW-TC0337A Datasheet
261Kb / 6P
   SAW Resonator 1GHz SMD 3.8X3.8 mm
TL0019B TAI-SAW-TL0019B Datasheet
199Kb / 5P
   5788MHz 125MHzBW SMD2.5x2.0 mm LTCC Filter
TC0307A TAI-SAW-TC0307A Datasheet
284Kb / 5P
   SAW Resonator 622.018MHz SMD 3.8X3.8 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com