Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC-501M Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SCC-501M
Description  Spark Gap Protectors (SPG)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCC-501M Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SCC-501M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCC-501M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCC-501M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCC-501M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCC-501M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
4 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCC Series
SOCAY Electronics Co., Ltd.
www.socay.com
Flow Soldering Conditions
Reflow Soldering Conditions
1) Time shown in the above figures is measured from the point when chip surface reaches temperature.
2) Temperature difference in high temperature part should be within 110℃ .
3) After soldering, do not force cool, allow the parts to cool gradually.
Hand Soldering
Solder iron temperature: 350
±5℃
Heating time: 3 seconds max.
General attention to soldering
u
High soldering temperatures and long soldering times can cause leaching of the termination, decrease in adherence
strength, and the change of characteristic may occur.
u
For soldering, please refer to the soldering curves above. However, please keep exposures to temperatures exceeding
200℃ to fewer than 50 seconds.
u
Please use a mild flux (containing less than 0.2wt% CI). Also, if the flux is water soluble, be sure to wash thoroughly to
remove any residue from the underside of components that could affect resistance.
Cleaning
When using ultrasonic cleaning, the board may resonate if the output power is too high. Since this vibration can cause cracking or
a decrease in the adherence of the termination, we recommend that you use the conditions below:
Frequency: 40kHz max.
Output power: 20W/liter
Cleaning time: 5 minutes max.
Recommended Soldering Conditions
250
Soldering
Cooling
Air Preheat
200
150
100
50
0
ΔT
150~180℃
260℃
60~120 sec
3~4 sec
250
Soldering
Cooling
Air Preheat
200
150
100
50
0
ΔT
150~180℃
260℃
60~120 sec
10 sec. or less
60 sec. or less


Similar Part No. - SCC-501M

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
   SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
   SIM CARD 6 PIN
SCC-08-SG-HC ADAM-TECH-SCC-08-SG-HC Datasheet
104Kb / 1P
   SIM CARD 8 PIN
SCC-08-SMT-275 ADAM-TECH-SCC-08-SMT-275 Datasheet
87Kb / 1P
   SIM CARD CONNECTOR
logo
Aims Power
SCC-100AMPPT AIMSPOWER-SCC-100AMPPT Datasheet
1Mb / 23P
   Solar Charge Controller
More results

Similar Description - SCC-501M

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC UNSEMI-UNC Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
   WP SPG - SPARK GAP PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com