Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1888251-2 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1888251-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1888251-2 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1888251-2 Datasheet HTML 6Page - Tyco Electronics 1888251-2 Datasheet HTML 7Page - Tyco Electronics 1888251-2 Datasheet HTML 8Page - Tyco Electronics 1888251-2 Datasheet HTML 9Page - Tyco Electronics 1888251-2 Datasheet HTML 10Page - Tyco Electronics 1888251-2 Datasheet HTML 11Page - Tyco Electronics 1888251-2 Datasheet HTML 12Page - Tyco Electronics 1888251-2 Datasheet HTML 13Page - Tyco Electronics 1888251-2 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Z-PACK HM-Zd RTM Board Connector for AdvancedTCA Zone 3 Standard
Ref.
Typ.
Ref.
Typ.
Ref.
Typ.
Top Surface of
Daughtercard
Typ.
Ref.
Typ.
Ref.
Ref.
Ref.
Ref.
Ref.
Ref.
Ref.
A
All Plated
Thru Holes
1.65
[.065]
19.65
[.774]
23.35
[.919]
34.55
[1.360]
2.50
[.098]
2.00
[.079]
6.90
[.272]
Ref.
10.45
[.411]
Ref.
6.35
[.250]
5.30
[.209]
Ref.
17.20
[.677]
1.50
[.059]
Ref.
Typ.
1.50
[.059]
Typ.
1.50
[.059]
Typ.
2.50
[.098]
9 x 2.50 [.098] =
22.50 [.886]
1.50 ± 0.20
[.059 ± .008]
2.20
[.087]
Ref.
17.68
[.696]
Ref.
5.675
[.223]
1.50
[.059]
3.00
[.118]
Recommended PC Board Layout
Component Side Shown
17.32
[.682]
Ref.
1
PCB Hole Dim.
Drilled Hole = 0.7000 ± 0.025 [.02756 ± .0010]
Finished Hole = 0.60 ± 0.05 [.024 ± .002]
Cu Thickness = 0.375 ± 0.0125 [.0148 ± .00049]
SnPb Thickness = 0.007 ± 0.003 [.0003 ± .0001]
1
AdvancedTCA Zone 3
Z-PACK HM-Zd
High Speed, Co-Planar
RTM Board Connector
4 Pair Right Angle Header
Part Number 6469048-1
Part Number 6469375-1
Front Board Connector
4 Pair Right Angle
Receptacle
Part Number 6469001-1
(see page 8)
4 Pair Right Angle
Pin Header Assemblies
Application Tooling
Part
Tail
Mating
Column
Module
Signals
Grounds
Insertion
Repair
Number
Length
Pin
Count
Length
Pin
Housing
Chiclet
Length
(Dim. A)
Header
Removal
Removal
1
6469048-1
2.20
5.30
10
25.00
80
40
91378-1
1804174-1
1804177-1
.087
.209
.984
1
6469375-1
2.20
5.30
12
30.00
96
48
91378-3
1804174-1
1804177-1
.087
.209
1.181
Note: Part Numbers are RoHS compliant.
Note: For finishes other than
tin-lead, reference Application
Specification 114-13059.


Similar Part No. - 1888251-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1888250 PHOENIX-1888250 Datasheet
60Kb / 5P
   PCB terminal block - FRONT 2,5-V/SA 5/ 4
logo
List of Unclassifed Man...
1888250-2 ETC2-1888250-2 Datasheet
1Mb / 6P
   Quick Reference Guide
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
More results

Similar Description - 1888251-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com