Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC60-110 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC60-110
Description  Radial Lead Resettable Polymer PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC60-110 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC60-110 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC60-110 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC60-110 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC60-110 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision February 27, 2014
2 / 4
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC60 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Ambient Operation Temperature
-40
°C
-20
°C
0
°C
25
°C
40
°C
50
°C
60
°C
70
°C
85
°C
Part Number
Hold Current (A)
SC60-005
0.078
0.068
0.06
0.05
0.04
0.036
0.032
0.027
0.02
SC60-010
0.16
0.14
0.12
0.10
0.08
0.072
0.063
0.054
0.04
SC60-017
0.26
0.23
0.20
0.17
0.14
0.12
0.11
0.09
0.07
SC60-020
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
SC60-025
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
SC60-030
0.47
0.41
0.36
0.30
0.24
0.22
0.20
0.16
0.12
SC60-040
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
SC60-050
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
SC60-065
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
SC60-075
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
SC60-090
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
SC60-110
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
SC60-135
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
SC60-160
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
SC60-185
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
SC60-200
3.10
2.72
2.38
2.00
1.62
1.44
1.26
1.08
0.80
SC60-250
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
SC60-300
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
SC60-375
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
SC60-500
7.75
6.80
5.95
5.00
4.05
3.60
3.15
2.70
2.00
A=SC60-005
B=SC60-010
C=SC60-017
D=SC60-020
E=SC60-025
F=SC60-030
G=SC60-040
H=SC60-050
I=SC60-065
J=SC60-075
K=SC60-090
L=SC60-110
M=SC60-135
N=SC60-160
O=SC60-185
P=SC60-250
Q=SC60-300
R=SC60-375
Temperature Rerating Chart
– I
hold (A)
Temperature Rerating Curve
Average Time Current Curves
Current in Amperes
0.1
1
10
100
1000
100
10
1
0.01
0.1
0.001
Temperature (
°C)


Similar Part No. - SC60-110

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC60-10 FRONTIER-SC60-10 Datasheet
113Kb / 1P
   6A SILICON RECTIFIER CELL
More results

Similar Description - SC60-110

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
   Radial Lead Resettable Polymer PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com