Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E53-V35 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E53-V35
Description  Advanced Digital Controllers Ideal for Worldwide Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-V35 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E53-V35 Datasheet HTML 1Page - Omron Electronics LLC E53-V35 Datasheet HTML 2Page - Omron Electronics LLC E53-V35 Datasheet HTML 3Page - Omron Electronics LLC E53-V35 Datasheet HTML 4Page - Omron Electronics LLC E53-V35 Datasheet HTML 5Page - Omron Electronics LLC E53-V35 Datasheet HTML 6Page - Omron Electronics LLC E53-V35 Datasheet HTML 7Page - Omron Electronics LLC E53-V35 Datasheet HTML 8Page - Omron Electronics LLC E53-V35 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
E5AK
2
Ordering Information
■ List of Models
Note: 1. When using the heater burnout alarm function with a standard model, the Linear Output Unit cannot be used for the control outputs (heat).
2. Be sure to specify the Current Transformer, Output Unit, and Option Unit when ordering.
3. The Digital Controller provides transfer outputs at 4 to 20 mA for the PV and other values and control outputs at 4 to 20 mA for the current
outputs.
Note: The Digital Controller uses a dedicated, high-resolution Output Unit. The E53-C Current Output Unit for the E5
@X cannot be used with the
Digital Controller.
Note: 1. The Option Unit can be used either by the E5AK or E5EK.
2. The E5AK allows a maximum of three Option Units to be mounted. Refer to page 8 for mounting combinations.
The E5EK allows only one Option Unit to be mounted.
Inspection Report
The Digital Controller can be provided together with an inspection report.
Refer to the following legend with the suffix “K” when ordering a model provided together with an inspection report.
E5
@K-AA2-K, E5@K-PRR2-K, E5@K-TAA2-K, E5@K-TPRR2-K, E53-AKF-K
Description
Model
Specification
Base Unit
E5AK-AA2 AC100-240
Standard model
E5AK-AA2-500 AC100-240
Standard model with terminal cover
E5AK-PRR2 AC100-240
Position-proportional model
E5AK-PRR2-500 AC100-240
Position-proportional model with terminal cover
E5AK-TAA2 AC100-240
Standard model
E5AK-TAA2-500 AC100-240
Standard model with terminal cover
E5AK-TPRR2 AC100-240
Position-proportional model
E5AK-TPRR2-500 AC100-240
Position-proportional model with terminal cover
Description
Model
Specification
Output Unit
E53-R
Relay
E53-S
SSR
E53-Q
Pulse (NPN) 12 VDC
E53-Q3
Pulse (NPN) 24 VDC
E53-Q4
Pulse (PNP) 24 VDC
E53-C3
Linear (4 to 20 mA)
E53-C3D
Linear (0 to 20 mA)
E53-V34
Linear (0 to 10 V)
E53-V35
Linear (0 to 5 V)
Description
Model
Specification
Option Unit
E53-AKB
Event input
E53-EN01
Communication (RS-232C)
E53-EN02
Communication (RS-422)
E53-EN03
Communication (RS-485)
E53-AKF
Transfer output


Similar Part No. - E53-V35

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-V35 OMRON-E53-V35 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E53-V35

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E5CK-AA1-500 OMRON-E5CK-AA1-500 Datasheet
795Kb / 14P
   Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
E5CK OMRON-E5CK Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
   Worldwide Digital TV Tuner
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
   Well-known connection principle allows worldwide use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com