Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECDGZE1R1B Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECDGZE1R1B
Description  High-Q Capacitors (Microwave Chip Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZE1R1B Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECDGZE1R1B Datasheet HTML 1Page - Panasonic Semiconductor ECDGZE1R1B Datasheet HTML 2Page - Panasonic Semiconductor ECDGZE1R1B Datasheet HTML 3Page - Panasonic Semiconductor ECDGZE1R1B Datasheet HTML 4Page - Panasonic Semiconductor ECDGZE1R1B Datasheet HTML 5Page - Panasonic Semiconductor ECDGZE1R1B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC43 –
Packaging Style Code : “E” (T=0.3 mm) for Standard Packaging
Quantity (15,000 pcs./reel)
Rated voltage
DC 25 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
0.10
±0.05 pF
(8)
ECDGZER108
0.3
0.20
ECDGZER208
0.3
0.30
ECDGZER308
0.3
0.40
ECDGZER408
0.3
0.50
ECDGZER508
0.3
0.60
±0.075 pF
(9)
ECDGZER609
0.3
0.70
ECDGZER709
0.3
0.80
ECDGZER809
0.3
0.90
ECDGZER909
0.3
1.0
±0.1 pF
(B)
ECDGZE1R0B
0.3
1.1
ECDGZE1R1B
0.3
1.2
ECDGZE1R2B
0.3
1.3
ECDGZE1R3B
0.3
1.5
ECDGZE1R5B
0.3
1.6
ECDGZE1R6B
0.3
1.8
ECDGZE1R8B
0.3
2.0
ECDGZE2R0B
0.3
2.2
ECDGZE2R2B
0.3
2.4
ECDGZE2R4B
0.3
2.7
ECDGZE2R7B
0.3
3.0
ECDGZE3R0B
0.3
3.3
±0.25 pF
(C)
ECDGZE3R3C
0.3
3.9
ECDGZE3R9C
0.3
4.7
ECDGZE4R7C
0.3
5.6
ECDGZE5R6C
0.3
Standard Products for EIA Size “0201”, Taped Version
● Temperature Characteristics C0G
: Capacitance tolerance code.
Packaging Style Code : “E” (T= 0.5 mm) for Standard Packaging
Quantity (10,000 pcs./reel)
Rated voltage
DC 25 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
0.10
±0.05 pF
(8)
ECDG0ER108
0.5
0.20
ECDG0ER208
0.5
0.30
ECDG0ER308
0.5
0.40
ECDG0ER408
0.5
0.50
ECDG0ER508
0.5
0.60
±0.05 pF(8)
or
±0.075 pF(9)
ECDG0ER60
0.5
0.70
ECDG0ER70
0.5
0.80
ECDG0ER80
0.5
0.90
ECDG0ER90
0.5
1.0
±0.1 pF
(B)
ECDG0E1R0B
0.5
1.1
ECDG0E1R1B
0.5
1.2
ECDG0E1R2B
0.5
1.3
ECDG0E1R3B
0.5
1.5
ECDG0E1R5B
0.5
1.6
ECDG0E1R6B
0.5
1.8
ECDG0E1R8B
0.5
2.0
ECDG0E2R0B
0.5
2.2
ECDG0E2R2B
0.5
2.4
ECDG0E2R4B
0.5
2.7
ECDG0E2R7B
0.5
3.0
ECDG0E3R0B
0.5
3.3
±0.1 pF(B)
or
±0.25 pF(C)
ECDG0E3R3
0.5
3.9
ECDG0E3R9
0.5
4.7
ECDG0E4R7
0.5
5.6
ECDG0E5R6
0.5
6.8
ECDG0E6R8
0.5
8.2
ECDG0E8R2
0.5
10.0 ±0.25 pF ECDG0E100C
0.5
12
±5 %
(J)
ECDG0E120J
0.5
15
ECDG0E150J
0.5
Standard Products for EIA Size “0402”, Taped Version
● Temperature Characteristics C0G
00 Sep. 2008


Similar Part No. - ECDGZE1R1B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZE1R1B PANASONIC-ECDGZE1R1B Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
More results

Similar Description - ECDGZE1R1B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
   MNS Microwave Chip Capacitors
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
   MNS Microwave Chip Capacitors
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
   MNS Microwave Chip Capacitors
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
   MNS Microwave Chip Capacitors
logo
List of Unclassifed Man...
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com