Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECDGZE1R6B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECDGZE1R6B
Description  High-Q Capacitors (Microwave Chip Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZE1R6B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECDGZE1R6B Datasheet HTML 1Page - Panasonic Semiconductor ECDGZE1R6B Datasheet HTML 2Page - Panasonic Semiconductor ECDGZE1R6B Datasheet HTML 3Page - Panasonic Semiconductor ECDGZE1R6B Datasheet HTML 4Page - Panasonic Semiconductor ECDGZE1R6B Datasheet HTML 5Page - Panasonic Semiconductor ECDGZE1R6B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC39 –
EC
D
G
0
E
R
9
0
9
Size Code
Nominal Capacitance
Capacitance Tolerance Code
Material Code
(Example)
123456789
10
11
12
Suffix Code
Packaging Style Code
Product Code
5
4
3
2
1
L
T
W
L1
L2
High-Q Capacitors
(Microwave Chip Capacitors)
Series:
ECD
Features
● Low Capacitance with tight tolerance
(0.1 to 15.0 pF, +/–0.05 pF to +/–5 %)
● High Q value / Low ESR at High Frequencies
● Ultra-Stable C0G Performance (0±30 ppm/°C)
● 0402 & 0201 Case sizes
(0.1 to 15.0 pF & 0.1 to 5.6 pF, +/–0.05 pF,+/–0.075 pF etc)
● Pb Free
● RoHS compliant
Recommended Applications
● Microwave Circuitry
· Impedance Matching Circuitry
· Resonant Circuitry
· Coupling Circuitry
● RF modules, VCO, BPF, DUP, PA
● Cellular Phone, Bluetooth, Wireless LAN
Product Code
ECD: High-Q Capacitors
Packaging Specifications
See Page 45, 46, 56
Explanation of Part Numbers
Construction
Dimensions in mm (not to scale)
Size Code
Size (EIA)
L
W
T
L1, L2
Z0201
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0
0402
1.00±0.05
0.5±0.05
0.5±0.05
0.2±0.1
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Handling Precautions
See Page 48 to 53
00 Sep. 2008


Similar Part No. - ECDGZE1R6B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZE1R6B PANASONIC-ECDGZE1R6B Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
More results

Similar Description - ECDGZE1R6B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
   MNS Microwave Chip Capacitors
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
   MNS Microwave Chip Capacitors
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
   MNS Microwave Chip Capacitors
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
   MNS Microwave Chip Capacitors
logo
List of Unclassifed Man...
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com