Selected language     English  ▼


E-L4971D013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part No. E-L4971D013TR
Description  1.5A STEP DOWN SWITCHING REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
L4971
6/13
Figure 6. Quiescent drain current vs. input
voltage.
Figure 7. Quiescent current vs. junction
temperature
Figure 8. Stand-by drain current vs. input
voltage
Figure 9. Line Regulation
Figure 10. Line Regulation
Figure 11. Switching frquency vs. R1 and C2
0
5 10 15 20 25 30 35 40 45 50
Vcc(V)
1
2
3
4
5
Iq
(mA)
200KHz
R1=22K
C2=1.2nF
0Hz
D97IN724
Tamb=25˚C
0% DC
100KHz
R1=20K
C2=2.7nF
-50 -30 -10 10 30 50 70 90 110
Tj(˚C)
1
2
3
4
5
Iq
(mA)
D97IN731
0Hz
200KHz
R1=22K
C2=1.2nF
VCC=35V
0% DC
100KHz
R1=20K
C2=2.7nF
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
60
70
80
90
100
110
120
130
140
150
Ibias
(
µA)
D97IN732
Tj=25˚C
Tj=125˚C
Vss=GND
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
3.370
3.371
3.372
3.373
3.374
3.375
3.376
3.377
VO
(V)
D97IN733
Tj=25˚C
Tj=125˚C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 IO(A)
3.360
3.362
3.364
3.366
3.368
3.370
3.372
3.374
3.376
3.378
VO
(V)
Tj=25˚C
Tj=125˚C
VCC=35V
D97IN734
0
20
40
60
80
R1(K
Ω)
5
10
20
50
100
200
500
fsw
(KHz)
D97IN784
0.82nF
1.2nF
2.2nF
3.3nF
4.7nF
5.6nF
Tamb=25˚C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl