Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMMAS250G Datasheet(PDF) 4 Page - Motorola, Inc

Part # XMMAS250G
Description  MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XMMAS250G Datasheet(HTML) 4 Page - Motorola, Inc

  XMMAS250G Datasheet HTML 1Page - Motorola, Inc XMMAS250G Datasheet HTML 2Page - Motorola, Inc XMMAS250G Datasheet HTML 3Page - Motorola, Inc XMMAS250G Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XMMAS250G10D XMMAS250G10S
4
Motorola Sensor Device Data
PACKAGE DIMENSIONS
CASE 648C–03
ISSUE C
DIP PACKAGE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.840
18.80
21.34
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
E
0.050 BSC
1.27 BSC
F
0.040
0.70
1.02
1.78
G
0.100 BSC
2.54 BSC
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.040
0.39
1.01
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. INTERNAL LEAD CONNECTION BETWEEN 4 AND
5, 12 AND 13.
–A–
–B–
16
9
1
8
F
D
G
E
N
K
C
NOTE 5
16 PL
S
A
M
0.13 (0.005)
T
–T–
SEATING
PLANE
S
B
M
0.13 (0.005)
T
J 16 PL
M
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.095
1.110
27.18
28.19
B
0.600
0.640
15.24
16.26
C
0.428
0.434
10.87
11.02
D
0.016
0.020
0.41
0.51
E
0.125
0.135
3.18
3.43
F
0.063
0.068
1.60
1.73
G
0.095
0.105
1.65
2.67
H
0.236
0.244
5.99
6.20
J
0.009
0.011
0.23
0.28
K
0.114
0.124
2.90
3.15
L
0.045
0.055
1.14
1.40
M
0.058
0.065
1.47
1.65
N
0.295
0.305
7.49
7.75
P
0.875
0.885
22.22
22.48
Q
0.051
0.055
1.30
1.40
R
0.000
0.007
0.00
0.18
S
0.480
0.490
12.19
12.45
U
0.040
0.050
1.02
1.27
V
0.075
0.085
1.90
2.16
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
N B
E
V
A
P
R
M
D
S
L
G
U
F
C
K
J
H
Q
CASE 447–01
ISSUE A
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
XMMAS250G/D
*XMMAS250G/D*
CODELINE TO BE PLACED HERE


Similar Part No. - XMMAS250G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
   MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10S MOTOROLA-XMMAS250G10S Datasheet
139Kb / 4P
   MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
More results

Similar Description - XMMAS250G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
   MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
   MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
XMMAS500G10D MOTOROLA-XMMAS500G10D Datasheet
137Kb / 4P
   MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMAS500G MOTOROLA-XMMAS500G Datasheet
137Kb / 4P
   MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMA1000P MOTOROLA-XMMA1000P Datasheet
161Kb / 8P
   MICROMACHINED ACCELEROMETER
logo
NXP Semiconductors
MMA1201P NXP-MMA1201P Datasheet
328Kb / 8P
   Micromachined Accelerometer
REV 0
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
   MICROMACHINED ACCELEROMETER
MMAS40G10D MOTOROLA-MMAS40G10D Datasheet
75Kb / 4P
   MICROMACHINED ACCELEROMETER 짹40g
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com