Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3900625 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M3900625
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3900625 Datasheet(HTML) 4 Page - Vishay Siliconix

  M3900625 Datasheet HTML 1Page - Vishay Siliconix M3900625 Datasheet HTML 2Page - Vishay Siliconix M3900625 Datasheet HTML 3Page - Vishay Siliconix M3900625 Datasheet HTML 4Page - Vishay Siliconix M3900625 Datasheet HTML 5Page - Vishay Siliconix M3900625 Datasheet HTML 6Page - Vishay Siliconix M3900625 Datasheet HTML 7Page - Vishay Siliconix M3900625 Datasheet HTML 8Page - Vishay Siliconix M3900625 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M39006/22, M39006/25
www.vishay.com
Vishay
Revison: 28-Aug-12
4
Document Number: 40022
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS/EXTENDED RATINGS: CLR79, M39006/22-XXXX
CAPACITANCE
(μF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39006/22- (1)
FAILURE RATE LEVEL
(%/1000 h)
MAX. DCL (μA)
AT
MAX.
DF
AT
+ 25 °C
(%)
MAX.
IMP.
AT
- 55 °C
(
)
MAX. CAPACITANCE
CHANGE (%) AT
MAX. (2)
RIPPLE
CURRENT
AT + 85 °C
40 kHz
(mA)
M
1.0
P
0.1
R
0.01
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
6 VDC AT + 85 °C; 4 VDC AT + 125 °C
30
T1
20
0001
0221
0441
1.0
2.0
9
100
- 40
+ 10.5
+ 12
820
30
T1
10
0002
0222
0442
1.0
2.0
9
100
- 40
+ 10.5
+ 12
820
30
T1
5
0003
0223
0443
1.0
2.0
9
100
- 40
+ 10.5
+ 12
820
68
T1
20
0004
0224
0444
1.0
2.0
15
60
- 40
+ 14
+ 16
960
68
T1
10
0005
0225
0445
1.0
2.0
15
60
- 40
+ 14
+ 16
960
68
T1
5
0006
0226
0446
1.0
2.0
15
60
- 40
+ 14
+ 16
960
140
T2
20
0007
0227
0447
1.0
3.0
21
40
- 40
+ 14
+ 16
1200
140
T2
10
0008
0228
0448
1.0
3.0
21
40
- 40
+ 14
+ 16
1200
140
T2
5
0009
0229
0449
1.0
3.0
21
40
- 40
+ 14
+ 16
1200
270
T2
20
0010
0230
0450
1.0
6.5
45
25
- 44
+ 17.5
+ 20
1375
270
T2
10
0011
0231
0451
1.0
6.5
45
25
- 44
+ 17.5
+ 20
1375
270
T2
5
0012
0232
0452
1.0
6.5
45
25
- 44
+ 17.5
+ 20
1375
330
T3
20
0013
0233
0453
2.0
7.9
36
20
- 44
+ 14
+ 16
1800
330
T3
10
0014
0234
0454
2.0
7.9
36
20
- 44
+ 14
+ 16
1800
330
T3
5
0015
0235
0455
2.0
7.9
36
20
- 44
+ 14
+ 16
1800
560
T3
20
0016
0236
0456
2.0
13.0
55
25
- 64
+ 17.5
+ 20
1900
560
T3
10
0017
0237
0457
2.0
13.0
55
25
- 64
+ 17.5
+ 20
1900
560
T3
5
0018
0238
0458
2.0
13.0
55
25
- 64
+ 17.5
+ 20
1900
1200
T4
20
0019
0239
0459
3.0
14.0
90
20
- 80
+ 25
+ 25
2265
1200
T4
10
0020
0240
0460
3.0
14.0
90
20
- 80
+ 25
+ 25
2265
8 VDC AT + 85 °C; 5 VDC AT + 125 °C
25
T1
20
0021
0241
0461
1.0
2.0
7.5
100
- 40
+ 10.5
+ 12
820
25
T1
10
0022
0242
0462
1.0
2.0
7.5
100
- 40
+ 10.5
+ 12
820
25
T1
5
0023
0243
0463
1.0
2.0
7.5
100
- 40
+ 10.5
+ 12
820
56
T1
20
0024
0244
0464
1.0
2.0
14
59
- 40
+ 14
+ 16
900
56
T1
10
0025
0245
0465
1.0
2.0
14
59
- 40
+ 14
+ 16
900
56
T1
5
0026
0246
0466
1.0
2.0
14
59
- 40
+ 14
+ 16
900
120
T2
20
0027
0247
0467
1.0
2.0
20
50
- 44
+ 17.5
+ 20
1220
120
T2
10
0028
0248
0468
1.0
2.0
20
50
- 44
+ 17.5
+ 20
1220
120
T2
5
0029
0249
0469
1.0
2.0
20
50
- 44
+ 17.5
+ 20
1220
220
T2
20
0030
0250
0470
1.0
7.0
37
30
- 44
+ 17.5
+ 20
1370
220
T2
10
0031
0251
0471
1.0
7.0
37
30
- 44
+ 17.5
+ 20
1370
220
T2
5
0032
0252
0472
1.0
7.0
37
30
- 44
+ 17.5
+ 20
1370
290
T3
20
0033
0253
0473
2.0
6.0
34
25
- 64
+ 17.5
+ 20
1770
290
T3
10
0034
0254
0474
2.0
6.0
34
25
- 64
+ 17.5
+ 20
1770
290
T3
5
0035
0255
0475
2.0
6.0
34
25
- 64
+ 17.5
+ 20
1770
430
T3
20
0036
0256
0476
2.0
14.0
46
25
- 64
+ 17.5
+ 20
1825
430
T3
10
0037
0257
0477
2.0
14.0
46
25
- 64
+ 17.5
+ 20
1825
430
T3
5
0038
0258
0478
2.0
14.0
46
25
- 64
+ 17.5
+ 20
1825
850
T4
20
0039
0259
0479
4.0
16.0
60
22
- 80
+ 25
+ 25
2330
850
T4
10
0040
0260
0480
4.0
16.0
60
22
- 80
+ 25
+ 25
2330
10 VDC AT + 85 °C; 7 VDC AT + 125 °C
20
T1
20
0041
0261
0481
1.0
2.0
6
175
- 32
+ 10.5
+ 12
820
20
T1
10
0042
0262
0482
1.0
2.0
6
175
- 32
+ 10.5
+ 12
820
20
T1
5
0043
0263
0483
1.0
2.0
6
175
- 32
+ 10.5
+ 12
820
47
T1
20
0044
0264
0484
1.0
2.0
13
100
- 36
+ 14
+ 16
855
47
T1
10
0045
0265
0485
1.0
2.0
13
100
- 36
+ 14
+ 16
855
47
T1
5
0046
0266
0486
1.0
2.0
13
100
- 36
+ 14
+ 16
855
100
T2
20
0047
0267
0487
1.0
4.0
15
60
- 36
+ 14
+ 16
1200
100
T2
10
0048
0268
0488
1.0
4.0
15
60
- 36
+ 14
+ 16
1200
100
T2
5
0049
0269
0489
1.0
4.0
15
60
- 36
+ 14
+ 16
1200
180
T2
20
0050
0270
0490
1.0
7.0
30
40
- 36
+ 14
+ 16
1365
Notes
(1) Dash number will include the letter “H” to indicate the optional vibration and shock requirements (i.e., 51 g random vibration, 80 g sinusoidal
vibration and 500 g shock).
(2) For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current table.


Similar Part No. - M3900625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3900622-0441H VISHAY-M3900622-0441H Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006220660 VISHAY-M39006220660 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
More results

Similar Description - M3900625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006 VISHAY-M39006 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
   MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com