Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP200B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP200B
Description  Oscilloscope / Differential Probes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP200B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP200B Datasheet HTML 1Page - List of Unclassifed Manufacturers SP200B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The
Value
Leader
Oscilloscope / Differential Probes
Oscilloscope / Differential Probe Selection
Selecting the correct oscilloscope probe ensures accuracy and can
improve the performance of your test instrument. TPI offers a
wide range of high quality oscilloscope probes designed to
meet the most demanding applications.
The IP series monolithic probes have switchable
attenuation and are available in 60 and 250MHz. These
probes are ideal for technicians that need a basic oscilloscope
probe.
The slimline design P and SP series probes are available in fixed or switchable attenuation.
These series of probes are perfect for the technician needing additional features such as
replaceable cable and interchangeable probe tip. The compensation adjustment for these probes
is located in the BNC to eliminate noise pickup.
TPI also offers three models of high voltage differential probes all with high common mode
rejection, wide bandwidth, and fast rise times. Differential probes enable the viewing of signals
not referenced to earth ground and provide better performance than a matched pair of single
ended oscilloscope probes when measuring these types of signals.
Several important factors must be taken into account when selecting the proper probe.
• The probe should have sufficient bandwidth and rise time for the test instrument and
application. Choose a probe with at least an equal bandwidth as the scope it will be used with.
For best performance a probe with twice the bandwidth as the scope should be selected.
• For oscilloscope probes, the input capacitance of your oscilloscope should
be within the compensation range specification of the probe. In
addition, if your oscilloscope has readout function, select a
probe with this capability.
• For differential probes, make sure the maximum
differential voltage is adequate for your application
and the common mode rejection specification meets
the requirements of the tests being performed.
Refer to the oscilloscope and differential probe specification tables
to select the correct probe for your application.
Distributed By:
www.tpi-thevalueleader.com
To learn about the entire
line of TPI products visit:
L TAW OP 0705
Copyright © 2005 Test Products International, Inc.
Test Products
International, Inc.
Headquarters:
9615 SW Allen Blvd.
Beaverton, OR 97005
USA
503-520-9197
Fax: 503-520-1225
email:
info@tpi-thevalueleader.com
Test Products
International, Ltd.
342 Bronte St. South
Unit 9
Milton, Ontario L9T
5B7
Canada
905-693-8558
Fax: 905-693-0888
email:
info@tpicanada.com
Test Products
International UK Ltd.
Longley House, East Park
Crawley, West Sussex
RH10 6AP England
Tel: +44 (0)1293 561212
Fax: +44 (0)1293813465
contactus@tpieurope.com
>> Attenuation: Ratio of the output signal to the input signal. Attenuation should remain constant
decreasing by 3dB only as the frequency increases to the maximum bandwidth.
>> Bandwidth: The maximum -3dB frequency that can be expected.
>> Cable Length: Length of the cable from the end of the probe to the end of the connector. It is
important to use a probe with just enough cable length for your needs. Long cables increase the
capacitance and propagation delay of the probe.
>> Compensation Range: The range a probe can be compensated to match the input capacitance of
the test equipment it is being used with.
>> IEC 1010: Probes with the IEC 1010 category rating have been designed for safety.
>> Input Impedance: The total resistance and capacitance as measured at the tip of the probe. This
specification is used to define the loading effect of a probe. At frequencies under 1MHz the input
resistance of the probe will have the most influence. At higher frequencies the input capacitance will
have the most influence.
>> Max Input Voltage: The maximum voltage the probe can be used at.
>> Max Differential Voltage: The maximum differential voltage that can be measured by a
differential probe
>> Readout: Probes with this capability are compatible with readout function oscilloscopes that
automatically detect and display the attenuation factor of the probe.
>> Rise Time: The time required for the leading edge of a pulse to rise from 10% to 90% of its final
value.
>> CMRR: Common Mode Rejection Ratio. A measure of a differential probes ability to reject any
signals common to both test points in a differential measurement
Oscilloscope / Dif
Oscilloscope / Differ
ferential Pr
ential Probe
obe T
Terminology
erminology
Distributed by:
Terminology
Use TPI Probes
with:
Bench Top,
Portable, Analog,
and Oscilloscopes
MARKETS
Electronic
Communication
Commercial
Industrial
APPLICATIONS
Logic signal and
waveform tests
Measure voice /
data signals
Analyze power
quality
Test motor control
circuits
Refer to pages 2-3
for specifications.
TPI offers a
complete
line of...
CO, Combustibles &
Combustion (CEA)
Refrigerant Leak
Detectors
Digital Manometers
Temperature Contact &
IR Instruments
IAQ: Air Flow /
Humidity
Handheld
Oscilloscopes
Digital Multimeters &
Clamp-on Meters
Accessories & Kits


Similar Part No. - SP200B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Aries Electronics, Inc.
SP200 ARIES-SP200 Datasheet
203Kb / 1P
   040 [1.02] Shorting Plugs and Jacks
logo
Astrodyne Corporation
SP200 ASTRODYNE-SP200 Datasheet
337Kb / 4P
   200W Single Output with PFC Function
SP200-12 ASTRODYNE-SP200-12 Datasheet
337Kb / 4P
   200W Single Output with PFC Function
More results

Similar Description - SP200B

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6552 POMONA-6552 Datasheet
65Kb / 2P
   Microline Oscilloscope Probes
5800A POMONA-5800A Datasheet
86Kb / 2P
   General Purpose Oscilloscope Probes
logo
List of Unclassifed Man...
N2893A ETC2-N2893A Datasheet
8Mb / 29P
   InfiniiVision Oscilloscope Probes and Accessories
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
logo
Pomona Electronics
73040 POMONA-73040 Datasheet
87Kb / 1P
   Accessory Kit for Modular & Microline Passive Oscilloscope Probes
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
   Oscilloscope Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com