Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE18A Datasheet(PDF) 1 Page - ON Semiconductor

Part # P6KE18A
Description  600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6KE18A Datasheet(HTML) 1 Page - ON Semiconductor

  P6KE18A Datasheet HTML 1Page - ON Semiconductor P6KE18A Datasheet HTML 2Page - ON Semiconductor P6KE18A Datasheet HTML 3Page - ON Semiconductor P6KE18A Datasheet HTML 4Page - ON Semiconductor P6KE18A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 10
1
Publication Order Number:
P6KE6.8A/D
P6KE6.8A Series
600 Watt Peak Power
Surmetict-40 Transient
Voltage Suppressors
Unidirectional*
The P6KE6.8A series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability and fast response
time. These devices are ON Semiconductor’s exclusive,
cost-effective, highly reliable Surmetic
t axial leaded package and is
ideally-suited for use in communication systems, numerical controls,
process controls, medical equipment, business machines, power
supplies and many other industrial/consumer applications.
Features:
Working Peak Reverse Voltage Range − 5.8 to 171 V
Peak Power − 600 W @ 1 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 mA above 10 V
Maximum Temperature Coefficient Specified
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1 ns
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, Transfer-molded, Thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING:
260
_C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL ≤ 25°C
PPK
600
W
Steady State Power Dissipation
@ TL ≤ 25°C, Lead Length = 3/8 in
Derated above TL = 50°C
PD
5.0
50
W
mW/°C
Thermal Resistance, Junction−to−Lead
RqJL
20
°C/W
Forward Surge Current (Note 2) @ TA = 25°C
IFSM
100
A
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per
Figure 2.
2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses
per minute maximum.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Cathode
Anode
MARKING DIAGRAM
A
P6KE
xxxA
YYWWG
G
Device
Package
Shipping
ORDERING INFORMATION
P6KExxxA
Axial Lead
1000 Units / Box
P6KExxxAG
Axial Lead
(Pb−Free)
1000 Units / Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
P6KExxxARL
Axial Lead
4000/Tape & Reel
P6KExxxARLG
Axial Lead
(Pb−Free)
4000/Tape & Reel
AXIAL LEAD
CASE 017AA
PLASTIC
A
= Assembly Location
P6KExxxA = Device Number
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - P6KE18A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P6KE18A DAESAN-P6KE18A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zowie Technology Corpor...
P6KE18A ZOWIE-P6KE18A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE18A MOTOROLA-P6KE18A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE18A STMICROELECTRONICS-P6KE18A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
HuaXinAn Electronics CO...
P6KE18A HUAXINAN-P6KE18A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com