Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD05V36T-4L Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # ESD05V36T-4L
Description  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD05V36T-4L Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  ESD05V36T-4L Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD05V36T-4L Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD05V36T-4L Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Low Capacitance
Revision January 06, 2014
3 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD05V36T-4L
SOCAY Electronics Co., Ltd.
www.socay.com
Fig4.
Normalized Capacitance Vs. Reverse Voltage
Fig5.
Clamping Voltage Vs. Peak Pulse Current
Inches
Millimeters
Symbol
Min.
Nom. Max. Min. Nom. Max.
A
0.031 0.037 0.043 0.80 0.95 1.10
A1
0.000 0.002 0.004 0.00 0.05 0.10
A3
0.08 REF
0.2 REF
b
0.004 0.008 0.012 0.10 0.21 0.30
C
0.004 0.005 0.010 0.10 0.14 0.25
D
0.070 0.078 0.086 1.80 2.00 2.20
E
0.045 0.049 0.053 1.15 1.25 1.35
e
0.026 BSC
0.65 BSC
L
0.004 0.008 0.012 0.10 0.20 0.30
HE
0.078 0.082 0.086 2.00 2.10 2.20
Symbol
Inches
Millimeters
C
0.0748
1.9
G
0.055
1.40
P
0.025
0.65
X
0.0157
0.40
Y
0.019
0.50
Z
0.0945
2.4
Soldering Footprint
Characteristic Curves
SOT-363 Package Outline & Dimensions
0
1
2
3
4
5
2.0
1.5
1.0
0.5
0
VBR, Reverse Voltage (V)
0
2
4
6
8
10
25
20
10
5
3
0
Peak Pulse Current (A)


Similar Part No. - ESD05V36T-4L

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD05V36T-4L UNSEMI-ESD05V36T-4L Datasheet
993Kb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD05V36T-4L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com