Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHE1H471MHD6 Datasheet(PDF) 4 Page - Nichicon corporation

Part # UHE1H471MHD6
Description  Miniature Sized, Low Impedance,High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1H471MHD6 Datasheet(HTML) 4 Page - Nichicon corporation

  UHE1H471MHD6 Datasheet HTML 1Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 2Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 3Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 4Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
35 (1V)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
50 (1H)
Standard Ratings
V (Code)
Item
Code
Cap.(
µF)
: In this case, 6 will be put 12th digit type numbering system.
: In this case, 3 will be put 12th digit type numbering system.
0.47
1
2.2
3.3
4.7
10
22
33
47
56
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
R47
010
2R2
3R3
4R7
100
220
330
470
560
101
121
151
181
221
271
331
471
561
681
821
102
122
152
182
222
272
332
392
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
×20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
12.5
× 20
16
× 15
12.5
× 25
18
× 15
12.5
× 31.5
16
× 20
12.5
× 35.5
12.5
× 40
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
12.5
× 20
16
× 15
12.5
× 25
18
× 15
12.5
× 31.5
12.5
× 35.5
16
× 20
12.5
× 40
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
16
× 40
18
× 31.5
18
× 35.5
18
× 40
5.5
4
2.5
2.2
1.9
1.5
0.70
0.30
0.17
0.12
0.12
0.091
0.084
0.060
0.061
0.055
0.043
0.045
0.055
0.034
0.054
0.030
0.025
0.034
0.021
0.025
0.036
0.022
0.026
0.019
0.016
0.021
0.017
0.014
22
16
10
8.8
7.6
6
2.8
1.2
0.68
0.48
0.48
0.36
0.34
0.24
0.20
0.22
0.17
0.15
0.17
0.11
0.15
0.10
0.083
0.10
0.069
0.075
0.097
0.066
0.070
0.057
0.048
0.057
0.046
0.038
17
30
43
53
88
100
180
295
555
730
760
910
1050
1220
1260
1440
1690
1660
1690
1950
1930
2310
2510
2210
2920
2555
2490
3010
2740
3150
3710
3635
3680
3800
CAT.8100B


Similar Part No. - UHE1H471MHD6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1H471MHD NICHICON-UHE1H471MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1H471MHD3 NICHICON-UHE1H471MHD3 Datasheet
75Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHE1H471MHD6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1A102MPD NICHICON-UHE1A102MPD_V01 Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C100MPD NICHICON-UCS2C100MPD Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
   Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
List of Unclassifed Man...
RJB-10V102MH4 ETC2-RJB-10V102MH4 Datasheet
68Kb / 3P
   105째C Use, Miniature, High-Reliability, Low Impedance Capacitors
logo
United Chemi-Con, Inc.
ELXY630ELL471ML25S CHEMI-CON-ELXY630ELL471ML25S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY250ELL121MF15D CHEMI-CON-ELXY250ELL121MF15D Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY100ELL182MK20S CHEMI-CON-ELXY100ELL182MK20S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY500ELL102ML30S CHEMI-CON-ELXY500ELL102ML30S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com