Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4227 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CDB4227
Description  Six Channel, 20-Bit Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4227 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CDB4227 Datasheet HTML 4Page - Cirrus Logic CDB4227 Datasheet HTML 5Page - Cirrus Logic CDB4227 Datasheet HTML 6Page - Cirrus Logic CDB4227 Datasheet HTML 7Page - Cirrus Logic CDB4227 Datasheet HTML 8Page - Cirrus Logic CDB4227 Datasheet HTML 9Page - Cirrus Logic CDB4227 Datasheet HTML 10Page - Cirrus Logic CDB4227 Datasheet HTML 11Page - Cirrus Logic CDB4227 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS4227
8
DS281PP2
SWITCHING CHARACTERISTICS - CONTROL PORT (T
A = 25 °C; VA+, VD+ = +5 V ±5%;
Inputs: logic 0 = DGND, logic 1 = VD+; CL = 30 pF)
Notes: 15. Data must be held for sufficient time to bridge the transition time of CCLK.
16. For FSCK < 1 MHz.
Parameter
Symbol
Min
Max
Unit
SPI Mode (SPI/I2C = 0)
CCLK Clock Frequency
fsck
-6
MHz
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCL Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 15)
tdh
15
-
ns
CCLK Falling to CDOUT stable
tpd
-45
ns
Rise Time of CDOUT
tr1
-25
ns
Fall Time of CDOUT
tf1
-25
ns
Rise Time of CCLK and CDIN
(Note 16)
tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 16)
tf2
-
100
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 3. Control Port SPI Mode


Similar Part No. - CDB4227

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4220 CIRRUS-CDB4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CDB4221 CIRRUS-CDB4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CDB4222 CIRRUS-CDB4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CDB4222 CIRRUS-CDB4222 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CDB4223 CIRRUS-CDB4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
More results

Similar Description - CDB4227

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Realtek Semiconductor C...
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
National Semiconductor ...
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
   Six Channel 10 Bit BLVDS Deserializer
logo
SHENZHEN FUMAN ELECTRON...
74HC04D FUMAN-74HC04D Datasheet
159Kb / 8P
   Six-bit inverter
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Asahi Kasei Microsystem...
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
   20-Bit Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com