Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4228A-KS Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4228A-KS
Description  24-Bit, 96 kHz Surround Sound Codec?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4228A-KS Datasheet(HTML) 5 Page - Cirrus Logic

  CS4228A-KS Datasheet HTML 1Page - Cirrus Logic CS4228A-KS Datasheet HTML 2Page - Cirrus Logic CS4228A-KS Datasheet HTML 3Page - Cirrus Logic CS4228A-KS Datasheet HTML 4Page - Cirrus Logic CS4228A-KS Datasheet HTML 5Page - Cirrus Logic CS4228A-KS Datasheet HTML 6Page - Cirrus Logic CS4228A-KS Datasheet HTML 7Page - Cirrus Logic CS4228A-KS Datasheet HTML 8Page - Cirrus Logic CS4228A-KS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS4228A
DS511PP1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 6. The passband and stopband edges scale with frequency. For input word rates, Fs, other than 44.1 kHz,
the 0.01 dB passband edge is 0.4535×Fs and the stopband edge is 0.5465×Fs.
7. Digital filter characteristics.
8. Measurement bandwidth is 10 Hz to 3 Fs.
Specifications are subject to change without notice
Base Rate Mode
High Rate Mode
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation, 10 k
Ω, 10 pF load; unless otherwise specified.
Dynamic Range, -60 dBFS input
(A weighted)
(unweighted)
93
-
100
97
-
-
93
-
100
97
-
-
dB
dB
Total Harmonic Distortion + Noise
THD+N
-
-90
-83
-
-90
-83
dB
Interchannel Isolation
-
95-
-
95-
dB
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Offset Voltage
-
10-
-
10-
mV
Full Scale Output Voltage
3.42
3.7
3.98
3.42
3.7
3.98
Vp-p
Gain Drift
-
100
-
-
100
-
ppm/°C
Analog Output Load
Minimum Load Resistance:
Maximum Load Capacitance:
-
-
10
100
-
-
-
-
10
100
-
-
k
pF
Combined Digital and Analog Filter Characteristics (Note 2)
Frequency Response
10 Hz to 20 kHz
±0.1
±0.1
dB
Deviation from Linear Phase
-
±0.5
-
-
±0.5
-
Degrees
Passband: to 0.01 dB corner
(Notes 6, 7)
0
-
21.77
0
-
43.54
kHz
Passband Ripple
(Note 7)
-
-
±0.01
-
-
±0.01
dB
Stopband
(Notes 6, 7)
26.2
-
-
62.5
-
-
kHz
Stopband Attenuation
(Notes 5, 8)
70
--
65
--
dB
Group Delay (Fs = Input Word Rate)
tgd
-
27/Fs
-
-
TBD
-
s
Analog Loopback Performance
Signal-to-noise Ratio
(CCIR-2K weighted, -20 dB FS input)
CCIR-2K
-
90
-
-
90
-
dB


Similar Part No. - CS4228A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Similar Description - CS4228A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com