Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD05V14T-3L Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # ESD05V14T-3L
Description  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD05V14T-3L Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  ESD05V14T-3L Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD05V14T-3L Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD05V14T-3L Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Revision January 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD05V14T-3L
SOCAY Electronics Co., Ltd.
www.socay.com
SOT-143
The ESD05V14T-3L is designed to protect voltage sensitive
components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time,
make these parts ideal for ESD protection on designs where
board space is at a premium.
u
100 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects three unidirectional lines
u
Low clamping voltage
u
RoHS Compliant
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
IEC61000-4-5 (Lightning) 5A (8/20
μs)
u
Portable Electronics
u
Microprocessor Based Equipment
u
Set-Top Box
u
Notebooks, Desktops, and Servers
u
Portable Instrumentation
u
Industrial Controls
u
Peripherals
u
JEDEC SOT-143 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 10.0 Milligrams (Approximate)
u
Quantity Per Reel : 3,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
100
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TJ
Operating Temperature Range
-55 to +150
ºC
Air Discharge
±15
IEC61000-4-2 (ESD)
Contact Discharge
±8
KV
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
5
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Similar Part No. - ESD05V14T-3L

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD05V14T-3L UNSEMI-ESD05V14T-3L Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD05V14T-3L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com