Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD05V88D-C Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # ESD05V88D-C
Description  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD05V88D-C Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  ESD05V88D-C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD05V88D-C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD05V88D-C Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors for ESD Protection
Revision December 18, 2013
1 / 3
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESDXXV88D-C
SOCAY Electronics Co., Ltd.
www.socay.com
DFN-1006
The ESDXXV88D-C is ultra low capacitance TVS arrays
designed to protect high speed data interfaces. This series has
been specifically designed to protect sensitive components
which are connected to high-speed data and transmission lines
from over-voltage caused by ESD (electrostatic discharge),
CDE (Cable Discharge Events), and EFT (electrical fast
transients).
u
100 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects one birectional I/O line
u
Low clamping voltage
u
Working voltages :3.3V, 5V
u
Low leakage current
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
Cell Phone Handsets and Accessories
u
Microprocessor based equipment
u
Personal Digital Assistants (PDA
’s)
u
Notebooks, Desktops, and Servers
u
Portable Instrumentation
u
Peripherals
u
Pagers
u
DFN1006 (1.0x0.6x0.5mm) Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 0.5 Milligrams (Approximate)
u
Quantity Per Reel : 5,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
100
W
IPP
Peak Pulse Current (tp=8/20
μs waveform)
2.5
A
TJ
Operating Junction Temperature Range
-55 to +125
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TL
Soldering Temperature, t max = 10s
260
ºC
Air Discharge
15
IEC61000-4-2 (ESD)
Contact Discharge
8
KV
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Data
1
2


Similar Part No. - ESD05V88D-C

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD05V88D-C UNSEMI-ESD05V88D-C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD05V88D-CB UNSEMI-ESD05V88D-CB Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Socay Electornics Co., ...
ESD05V88D-CBP SOCAY-ESD05V88D-CBP Datasheet
212Kb / 3P
   Transient Voltage Suppressors for ESD Protection
ESD05V88D-CBP SOCAY-ESD05V88D-CBP Datasheet
211Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
UN Semiconducctor INC
ESD05V88D-CBP UNSEMI-ESD05V88D-CBP Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD05V88D-C

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com