Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS120E3 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # UPS120E3
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS120E3 Datasheet(HTML) 4 Page - Microsemi Corporation

  UPS120E3 Datasheet HTML 1Page - Microsemi Corporation UPS120E3 Datasheet HTML 2Page - Microsemi Corporation UPS120E3 Datasheet HTML 3Page - Microsemi Corporation UPS120E3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Schottky Barrier Rectifier
www.Microsemi.com
4/4
Copyright
© 2008
June 2008 Rev E
UPS120e3
Footprint dimensions
Package materials & information
Powermite 1® footprint dimensions in mm (inches)
Case :
Epoxy meets UL94V-0
Electrode finish :
Matte Sn
plating - fully RoHS compliant
Marking code :
S20
Ordering information
Product order code
Marking
Package
Weight
Base qty
Delivery mode
UPS120e3 / TR7
S20
Powermite 1
(DO-216AA)
0.016 g
3000
Tape and reel (7 inch)
UPS120e3 / TR13
S20
Powermite 1
(DO-216AA)
0.016 g
12000
Tape and reel (13 inch)
Commercial Business Unit
Microsemi Corporation
Microsemi Commercial Offshore de Macau Limitada
Avenida Doutor Mario Soares
Bank of China Building, 18/F, Unit D
Macau SAR
Please refer to
www.microsemi.com for the terms and conditions of purchase


Similar Part No. - UPS120E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS120E MICROSEMI-UPS120E Datasheet
48Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - UPS120E3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com