Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMMAS250G10S Datasheet(PDF) 2 Page - Motorola, Inc

Part # XMMAS250G10S
Description  MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XMMAS250G10S Datasheet(HTML) 2 Page - Motorola, Inc

  XMMAS250G10S Datasheet HTML 1Page - Motorola, Inc XMMAS250G10S Datasheet HTML 2Page - Motorola, Inc XMMAS250G10S Datasheet HTML 3Page - Motorola, Inc XMMAS250G10S Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XMMAS250G10D XMMAS250G10S
2
Motorola Sensor Device Data
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Acceleration (biased each axis)
G
±500
g
Acceleration (unbiased each axis)
G
±2000
g
Supply Voltage
VSmax
– 0.3 to +7.0
Vdc
Storage Temperature
Tstg
– 40 to +125
°C
Operating Temperature(6)
TA
– 40 to +85
°C
OPERATING CHARACTERISTICS (VS = 5.0 Vdc, TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Acceleration Range
G
±250
g
Output Drive Capability
– 0.2
0.2
mA
Supply Voltage
VS
4.75
5.0
5.25
V
Supply Current
IO
5.0
mA
Full Scale Output Range
VFSO
0.3
4.7
V
Sensitivity (over temperature range) (1) (2) (3)
∆V/∆G
5.8
6.5
7.2
mV/g
Zero Acceleration Output (TA = 25°C) (4)
Voff
2.3
2.5
2.7
V
Zero Acceleration Output (over temperature range) (3) (4)
Voff
2.1
2.5
2.9
V
Linearity
0.5
%FSO
Transverse Sensitivity
1.0
3.0
%FSO
Frequency Bandwidth
700
Hz
Noise
20
50
mVpk
Self–Test Output Equivalent (5)
GS
44
50
56
g
Self–Test Triggering Voltage
VTH
1.6
3.4
V
Self–Test Input Current
10
µA
NOTES:
1. The output voltage increases from the Zero Acceleration Output for positive acceleration and decreases for negative acceleration. The
typical sensitivity is 6.5 mV/g. For example, with VS = 5.0 V, a + 100g input will result in a 3.15 V output. (Voutput = 2.5 + 0.0065 x 100) and
a – 100g input will result in a 1.85 V output.
2. Sensitivity is a ratiometric parameter:
∆V/∆G(Vs) = ∆V/∆G(5 V) x (VS/5 V).
3. The compensated temperature range is – 40 to +85
°C.
4. Zero Acceleration Output is a ratiometric parameter: Voff(Vs) = Voff(5 V) x (VS / 5 V).
5. Equivalent output in response to a Logic Level One on the self–test pin.
6. Additional temperature range available. Consult factory.
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
XMMAS250G10D
–40 to +85
°C
Case 648C–03
Plastic DIP
XMMAS250G10S
–40 to +85
°C
Case 447–01
Plastic SIP


Similar Part No. - XMMAS250G10S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS250G10S MOTOROLA-XMMAS250G10S Datasheet
139Kb / 4P
   MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
More results

Similar Description - XMMAS250G10S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
   MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
   MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
XMMAS500G10D MOTOROLA-XMMAS500G10D Datasheet
137Kb / 4P
   MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMAS500G MOTOROLA-XMMAS500G Datasheet
137Kb / 4P
   MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMA1000P MOTOROLA-XMMA1000P Datasheet
161Kb / 8P
   MICROMACHINED ACCELEROMETER
logo
NXP Semiconductors
MMA1201P NXP-MMA1201P Datasheet
328Kb / 8P
   Micromachined Accelerometer
REV 0
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
   MICROMACHINED ACCELEROMETER
MMAS40G10D MOTOROLA-MMAS40G10D Datasheet
75Kb / 4P
   MICROMACHINED ACCELEROMETER 짹40g
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com