Electronic Components Datasheet Search |
|
10D390K Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd. |
|
10D390K Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd. |
3 / 4 page Radial Lead Varistor (MOV) Revision September 25, 2013 3 / 4 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. 10D Series SOCAY Electronics Co., Ltd. www.socay.com 10D Series Item Test Condition / Description Requirement Maximum Allowable Voltage The recommended maximum sine wave voltage (RMS) or the maximum DC voltage can be applied continuously. Varistor Voltage The voltage between two terminals with the specified measuring current 1mA.DC applied is call Vb. Maximum Clamping Voltage The maximum voltage between two terminals with the specification standard impulse current. Applied waveform: 8/20μs Rated Wattage The maximum average power that can be applied within the specified ambient temperature. Energy The maximum energy within the varistor voltage change of ±10% when one impulse of 10/1000μs. or 2 msec. is applied. Withstanding Surge Current The maximum current within the varistor voltage change of ±10% with the standard impulse current (8/20 ȝsec.) applied one time To meet the specified value Varistor Voltage Temp. Coefficient 0.05% / ºC max Surge Life The change of Vb shall be measured after the impulse listed below is applied 10,000 times continuously with the interval of ten seconds at room temperature. 180K to 680K 10A (8/20μs) 5D Series 820K to 751K 20A (8/20μs) 180K to 680K 25A (8/20μs) 7D Series 820K to 751K 50A (8/20μs) 180K to 680K 50A (8/20μs) 10D Series 820K to 751K 100A (8/20μs) 180K to 680K 75A (8/20μs) 14D Series 820K to 751K 150A (8/20μs) 180K to 680K 100A (8/20μs) 20D Series 820K to 751K 200A (8/20μs) Vb / Vb △ ≤ ±10% Electrical Rating Vb at 20 ºC -Vb at 70ºC Vb at 20 ºC × 1 50 × 100(% / ºC) |
Similar Part No. - 10D390K |
|
Similar Description - 10D390K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |