Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUR1E101MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUR1E101MCL1GS
Description  Chip Type, High CV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUR1E101MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UUR1E101MCL1GS Datasheet HTML 1Page - Nichicon corporation UUR1E101MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UR
series
Rated ripple current (mArms) at 85°C 120Hz
Dimensions
Frequency coefficient of rated ripple current
00 Less than 47V
100 to 1500
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.80
1.00
1.15
1.40
1.67
0.85
1.00
1.08
1.20
1.30
Cap.(µF)
Frequency
Size
φ6.3 × 5.8 is available for capacitors marked. " "
Size
φ6.3 × 7.7 is available for capacitors marked. " "
Size
φ8 × 10 is available for capacitors marked. " "
In this case, 6 will be put at 12th digit of type numbering system.
ALUMINUM ELECTROLYTIC CAPACITORS
3.3
4.7
10
22
33
47
100
150
220
330
470
680
1000
1500
3R3
4R7
100
220
330
470
101
151
221
331
471
681
102
152
6.3
× 5.8
6.3
× 7.7
8
× 10.
8
× 10.
10
× 10.
152
200
284
344
347
160 (143)
190 (188)
265
318
400 (372)
489
8
× 6.2
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
70
85
175 (173)
240
290
374
454
6.3
× 5.8
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
125
151
215 (162)
270
330 (307)
396
8
× 6.2
6.3
× 7.7
8
× 10.
8
× 10.
10
× 10.
10
× 10.
65
145 (143)
192
250 (232)
305 (284)
393
6.3
× 5.8
8
× 6.2
8
× 10.
10
× 10.
10
× 10.
10
× 10.
55
105 (94)
175 (132)
214
265 (246)
324
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
35
1V
50
1H
45
95 (94)
140 (105)
195 (181)
238
289
6.3
× 5.8
8
× 6.2
8
× 10.
10
× 10.
10
× 10.
10
× 10.
63
1J
31
46
96
117
140
232
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
8
× 10.
10
× 10.
29
40 (35)
77
100
130
155
6.3
× 5.8
8
× 6.2
8
× 10.
8
× 10.
10
× 10.
10
× 10.
100
2A
25
1E
16
1C
10
1A
6.3
0J
4
0G
Cap.(µF)
V
Code
Case size
φD × L
(mm)
Rated
ripple
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please select UG(p.162) series if high CV products are
required.
Please refer to page 3 for the minimum order quantity.
CAT.8100C


Similar Part No. - UUR1E101MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUR1E102MCL NICHICON-UUR1E102MCL Datasheet
55Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUR1E102MNL NICHICON-UUR1E102MNL Datasheet
55Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUR1E101MCL1GS

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
Kemet Corporation
PEH200HA5150MU2 KEMET-PEH200HA5150MU2 Datasheet
4Mb / 13P
   High CV value
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com