Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20D301K Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # 20D301K
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

20D301K Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  20D301K Datasheet HTML 1Page - Socay Electornics Co., Ltd. 20D301K Datasheet HTML 2Page - Socay Electornics Co., Ltd. 20D301K Datasheet HTML 3Page - Socay Electornics Co., Ltd. 20D301K Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
4 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
20D Series
Part Number
Quantity
Packaging Option
Packaging
Specification
20DXXXXX
250
Plastic Bag
Bulk Pack
TABLE1
TABLE2
Symbol
Dimensions
Model
T(max.)
Model
T(max.)
H(max.)
26.5
180K
4.8
331K
5.8
H1(max.)
28.0
220K
4.9
361K
6.0
L(min.)
20.0
270K
5.0
391K
6.2
L1(min.)
15.0
330K
5.2
431K
6.5
D(max.)
23.0
390K
5.5
471K
6.7
D1(
±0.8)
7.5+0.8/10.0+1.0
470K
5.6
511K
6.9
T(max.)
TABLE2
560K
5.7
561K
7.0
d(
±0.05)
0.8
680K
5.08
621K
7.2
d1(
±0.4)
1.4
820K
4.9
681K
7.5
101K
5.1
751K
8.2
121K
5.3
781K
5.3
151K
5.6
821K
8.5
181K
5.0
911K
9.0
201K
5.2
102K
9.5
221K
5.3
112K
10.1
241K
5.4
122K
10.6
271K
5.6
182K
13.2
301K
5.7
-
-
Package Dimensions
Unit: mm
Packaging Information
20 D XXX K J
J: High Surge, without: Standard
Tolerance:
K:
±10%, L: ±15%, M: ±20%
Varistor Voltage
Type:
D: Disk, S: Square
Element Diameter
Part Numbering
Part Marking
20DXXXX
Product Type
Logo
VDE Accreditation Logo
UL Accreditation Logo


Similar Part No. - 20D301K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20D301K ETC-20D301K Datasheet
61Kb / 5P
   VARISTOR
20D301K ETC-20D301K Datasheet
71Kb / 5P
   VARISTOR
logo
World Produts Inc.
20D301K WPI-20D301K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
Ruilongyuan Electronics...
20D301K RUILON-20D301K Datasheet
769Kb / 7P
   Metal Oxide Varistors
logo
StarHope
20D301K SPSEMI-20D301K Datasheet
359Kb / 2P
   Varistor Type MYG
More results

Similar Description - 20D301K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com