Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-36-2323 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50-36-2323
Description  Mini-Fit짰 BMI Plug Housing, 4.20mm Pitch Dual Row, White, UL 94V-0, 8 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

50-36-2323 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50-36-2323 Datasheet HTML 1Page - Molex Electronics Ltd. 50-36-2323 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
50-36-2323
Status:
Active
Overview:
Mini-Fit® BMI
Description:
Mini-Fit® BMI Plug Housing, 4.20mm Pitch Dual Row, White, UL 94V-0, 8 Circuits
Documents:
3D Model
Packaging Specification PK-42474-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-002 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
42475
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.
Overview
Mini-Fit® BMI
Product Name
Mini-Fit® BMI
UPC
883906497316
Physical
Circuits (maximum)
8
Color - Resin
Natural
Flammability
94V-0, 94V-2
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
4.390/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
42475-0821
Reference - Drawing Numbers
Packaging Specification
PK-42474-001
Product Specification
PS-45750-001, PS-5556-002
Sales Drawing
SD-42475-***1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42475Series
Mates With
Mini-Fit Jr.™ Receptacle Housing 5557 ,
Mini-Fit® BMI Receptacle Header 42385 ,
Mini-Fit® BMI Receptacle Housing 42474
Use With
46012 Mini-Fit® Plus HCS Crimp Terminal,
5558 Mini-Fit® Crimp Terminal


Similar Part No. - 50-36-2323

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-36-2323 MOLEX3-50-36-2323 Datasheet
484Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI Plug Housing, Dual Row, White, UL 94V-2, 8 Circuits
More results

Similar Description - 50-36-2323

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050362323 MOLEX3-0050362323 Datasheet
484Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI Plug Housing, Dual Row, White, UL 94V-2, 8 Circuits
15-06-0246 MOLEX11-15-06-0246 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, White, UL 94V-0, 24 Circuits
0015060246 MOLEX1-0015060246 Datasheet
485Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row With Panel Mount Ears, White, UL 94V-0, 24 Circuits
39-01-2085 MOLEX11-39-01-2085 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits,
0039012085 MOLEX3-0039012085 Datasheet
300Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits,
1727621008 MOLEX-1727621008 Datasheet
38Kb / 1P
   Mini-Fit Sigma Plug Housing, 4.20mm Pitch, Dual Row, UL 94V-0, Glow-Wire Capable, 8 Circuits
42475-1041 MOLEX11-42475-1041 Datasheet
51Kb / 1P
   Mini-Fit짰 BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, Black, UL
1727620002 MOLEX1-1727620002 Datasheet
47Kb / 1P
   Mini-Fit TPA2 Plug Housing, 4.20mm Pitch, Dual Row, UL 94V-0, Low-Halogen
1727620006 MOLEX1-1727620006 Datasheet
47Kb / 1P
   Mini-Fit TPA2 Plug Housing, 4.20mm Pitch, Dual Row, UL 94V-0, Low-Halogen
1727620012 MOLEX1-1727620012 Datasheet
47Kb / 1P
   Mini-Fit TPA2 Plug Housing, 4.20mm Pitch, Dual Row, UL 94V-0, Low-Halogen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com