Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UU642L-D08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU642L-D08-T
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642L-D08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UU642L-D08-T Datasheet HTML 1Page - Unisonic Technologies UU642L-D08-T Datasheet HTML 2Page - Unisonic Technologies UU642L-D08-T Datasheet HTML 3Page - Unisonic Technologies UU642L-D08-T Datasheet HTML 4Page - Unisonic Technologies UU642L-D08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UU642
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-022.a
ELECTRICAL CHARACTERISTICS
(VBatt=12V, TA=25°C, reference point is pin 8, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VBatt
9
16.5
V
Supply Current
I8
9
mA
Z-Diode Limitation
V1
6
V
Overvoltage
Threshold Current
I1
-94
mA
Threshold Voltage
VBatt
37
V
Relay Control Output
Saturation Voltage
V7
I7=100mA
-1.0
V
I7=200mA
-1.5
V
Leakage Current
I7
100
μA
Park Switch
Internal Pull-Up Resistance
R6
R6=10kΩ
41
kΩ
Switching Threshold Voltage
V6
-3.1
V
Protection Diode
V6
I6=-10mA
-0.8
V
I6=10mA
7.6
V
Input Ct
Internal Resistance
R3
100
Interval Input
R2=2.7~30kΩ
Protection Diode
V2
I2=-10mA
-0.8
V
I2=30mA/10ms
5.6
V
WASH Input
R5=10kΩ
Switching Threshold/Hysteresis
V5
-1.1/-7.1
V
Protection Diode
V
I5=-10mA
-0.87
V
I5=10mA
8.7
V
Switching Characteristics
R4=47kΩ~300kΩ, I4=-150μA
Interval Time
t2
R3=0kΩ
3.45
s
R3=10kΩ
10.8
s
Prewash Delay
tdel
80
ms
After-Wipe-Time
t5
R4=130kΩ
4.7
s


Similar Part No. - UU642L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642L-D08-T UTC-UU642L-D08-T Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
More results

Similar Description - UU642L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com