Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10D751KJ Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # 10D751KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

10D751KJ Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  10D751KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 10D751KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 10D751KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 10D751KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
4 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
10D Series
Part Number
Quantity
Packaging Option
Packaging
Specification
10DXXXXX
500
Plastic bag
Bulk Pack
TABLE1
TABLE2
Symbol
Dimensions
Model
T(max.)
Model
T(max.)
H(max.)
20.0
180K
4.6
301K
5.5
H1(max.)
21.0
220K
4.7
331K
5.8
L(min.)
20.0
270K
4.8
361K
6.0
L1(min.)
15.0
330K
5.0
391K
6.2
D(max.)
16.5
390K
5.3
431K
6.5
D1(
±0.8)
7.5
470K
5.4
471K
6.7
T(max.)
TABLE2
560K
5.5
511K
6.8
d(
±0.05)
0.8
680K
5.6
561K
7.0
d1(
±0.4)
1.4
820K
4.7
621K
7.3
101K
4.9
681K
7.6
121K
5.1
751K
8.0
151K
5.4
781K
8.1
181K
4.8
821K
8.3
201K
5.0
911K
8.8
221K
5.1
102K
9.3
241K
5.2
112K
9.9
271K
5.4
182K
12.5
Package Dimensions
Unit: mm
Packaging Information
Part Numbering
10 D XXX K J
J: High Surge, without: Standard
Tolerance:
K:
±10%, L: ±15%, M: ±20%
Varistor Voltage
Type:
D: Disk, S: Square
Element Diameter
Part Marking
10DXXXX
Product Type
Logo
VDE Accreditation Logo
UL Accreditation Logo


Similar Part No. - 10D751KJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
10D751KJ LEIDITECH-10D751KJ Datasheet
1Mb / 5P
   Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
10D751KJ HUAXINAN-10D751KJ Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
10D751KJ LEIDITECH-10D751KJ Datasheet
770Kb / 5P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
10D751KJ UNSEMI-10D751KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 10D751KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com