Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK64K-V Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK64K-V
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK64K-V Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK64K-V Datasheet HTML 7Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 8Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 9Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 10Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 11Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 12Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 13Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 14Page - Power Integrations, Inc. LNK64K-V Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Rev. C 03/14
11
www.powerint.com
LinkSwitch-HP
Figure 14. Layout for LCD Monitor Supply Using eDIP-12B Package.
Figure 13. 17 W LCD Monitor Supply (+18 V, +5 V).
Layout Considerations for eDIP-12B package
The schematic extract in Figure 13 is an example of LinkSwitch-HP
used in a dual output LCD monitor supply using eDIP-12B
package. In this design the exposed metal tab on the topside
of package is left open (no heat sink). The SOURCE pins of
LinkSwitch-HP provide heat sinking through connection to the
source copper pad of PCB. This technique is adequate for
device dissipation up to 0.85 W (1/2 square inch of copper area
required). The layout guidelines described for eSIP-7C are the
same for eDIP-12B with an added consideration about sensitive
component layout. The return referenced components C4, C8,
C16, R9, R7 must be placed directly under the LinkSwitch-HP
package as shown in Figure 14. This requires that these
particular components be SMD type as this allows an ideal
noise-immune layout.
Output Power Table Assumptions
12 V output.
Schottky rectification.
82% efficiency.
V
OR = 135 V.
K
P = 0.4 for 85-265 VAC input and KP = 0.6 for 195-265 VAC
input.
V
MIN = 100 V for 85-265 VAC input and VMIN = 250 V for
195-265 VAC input.
0.85 W device dissipation for open frame designs with PCB
heat sink.
Quick Design Checklist
All LinkSwitch-HP designs should be verified on the bench
particularly for specified worst-case stress conditions. The
following set of tests are strongly recommended:
1. Maximum drain voltage – Verify that VDS does not exceed
675 V for LNK677X series and 600 V for LNK6X6X series.
This gives a 50 V margin for design variations.
2. Under all conditions, the maximum Drain current should be
below the specified absolute maximum ratings.
3. Thermal check – At rated maximum output power, minimum
input voltage and maximum ambient temperature, verify that
the maximum allowed temperature is not exceeded for any
component in the design. Of particular importance is
checking the temperature rise of the major power conversion
components such as transformer, output diodes, input
bridge, primary clamp circuit and LinkSwitch-HP. Under the
stated conditions above, LinkSwitch-HP tab temperature
should not exceed 110 °C.
PI-6860-120312
C9
1 nF
250 VAC
VR1
P6KE130A
130 V
L1
10 mH
BR1
DF06M
600 V
C2
47
µF
450 V
D2
BAV21WS-
7-F
D1
DL4937
C6
22
µF
25 V
C8
100 pF
50 V
C16
10 pF
50 V
C7
100 nF
25 V
C3
10 nF
630 V
C12
220
µF
35 V
C10
470 pF
200 V
D4
B340LB-13-F
D3
30BQ100PBF
C15
470 pF
200 V
C11
220
µF
35 V
C14
820
µF
6.3 V
T1
EF25
C13
820
µF
6.3 V
C5
4.7
µF
10 V
L2
Ferrite Bead
(3.5
× 4.45 mm)
3
9,10
7,8
12
6
5
1
C1
100 nF
310 VAC
RT1
5
F1
2 A
tO
90 - 265
VAC
18 V, 0.67 A
J2-6
5 V, 1A
J2-1
J1-3
J1-1
RTN
J2-4
LinkSwitch-HP
D
S
FB
BP
CP
PD
CONTROL
U1
LNK6774V
R8
46.4 k
1%
1/16 W
R6
23.2 k
1%
1/16 W
R7
100 k
1%
1/16 W
R13*
R5
6.98 k
1%
1/8 W
R10
10
1%
1/8 W
R4
20
1%
R3
100
1%
R2
100
1%
R1
3 k
R12
10
1%
1/8 W
R11
36 k
1/8 W
R9
10.5 k
1%
1/16 W
C4*
*Optional
PI-6860-120312


Similar Part No. - LNK64K-V

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6405D POWERINT-LNK6405D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6406D POWERINT-LNK6406D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6407D POWERINT-LNK6407D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6407K POWERINT-LNK6407K Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
More results

Similar Description - LNK64K-V

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6774E POWERINT-LNK6774E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com