Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNY2G822MSEH Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNY2G822MSEH
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNY2G822MSEH Datasheet(HTML) 1 Page - Nichicon corporation

  LNY2G822MSEH Datasheet HTML 1Page - Nichicon corporation LNY2G822MSEH Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stability at Low Temperature
Tangent of loss angle (tan
δ)
Measurement frequeny : 120Hz
Rated voltage(V)
Impedance ratio
ZT/Z
20(MAX.)
350 to 450
Z – 40°C / Z+20°C
12
Item
Performance Characteristics
The specifications listed at right shall be met when the capacitors are
restored to 20°C after D.C. bias plus rated ripple current is applied for
2000 hours at 85°C, the peak voltage shall not exceed the rated
voltage.
After storing the capacitors under no load at 85°C for 1000 hours
and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the reguirements listed at right.
ALUMINUM ELECTROLYTIC CAPACITORS
NY
High
Voltage
NY
series
Screw Terminal Type, 85°C Higher Capacitance
Suited for equipment down sizing.
Load life of 2000 hours application of ripple current at 85°C
Compliant to the RoHS directive (2011/65/EU).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Insulation Resistance
The insulation resistance shall be more than 100M
Ω at DC 500V application between terminal and bracket.
Voltage proof
There is no abnormality during AC 2500V 1 minute's application between terminal and bracket.
Endurance
Shelf Life
Marking
40 to +85°C
350 to 450V
820 to 22000µF
± 20% (120Hz, 20°C)
Printed with white color letter on black sleeve
0.25MAX. (120Hz at 20°C)
P
7
Pressure relief vent
Pressure relief vent
A±2
120
°
30
°
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
U
S
Note) The brackets will be supplied in the separate box.
B
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones illustrated
below.
±1
L+ MAX.
H±1
h
Type numbering system (Example: 400V 10000 F)
L
1
N
2
Y
3
2
4
G
5
1
6
0
7
3
8
M
9
S
10
EJ
11
13 14
12
Configuration
Case dia. code
Mounting bracket
Capacitance tolerance (
±20%)
Rated Capacitance (10000 F)
Rated Voltage (400V)
Series name
Type
3-leg brackets Code less
2-leg brackets BB
No brackets
BN
φD
Code
051.0
F
063.5
G
076.2
H
090.0
J
(
φ51 to φ90)
φD
51
63.5
76.2
90
22.0
28.6
31.8
31.8
32.5
38.5
7.5
5.0
12
60
20
15
38.1
43
8.0
5.0
14
60
25
20
44.5
49.2
7.0
5.0
14
60
30
24
50.8
58.5
8.0
5.0
18
60
35
25
33.2
40
6.0
4.5
14
30
25
15
40.5
46.5
7.0
4.5
14
30
35
20
46.5
53
6.0
4.5
14
30
35
20
53
59
6.0
4.5
14
30
35
20
6
6
6
6
P
A
T
S
U
°
H
h
3
3
3
3
M5
M5
M5
M5
W
Leg shape
Symbol
Dimension of mounting bracket
Dimension of terminal pitch (W) and length (
) and Nominal dia. of bolt
φD
51
63.5
76.2
90
51
63.5
76.2
90
3-Leg
2-Leg
Nominal dia. of bolt
α
(mm)
(mm)
Configuration
Cr (III) Plating
(RoHS compliant)
SE
Drawing
NR
Capacitance change
tan
δ
Leakage current
Within ±20% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan
δ
Leakage current
Within ±20% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Dimension table in next page.
Leakage Current
After 5 minutes' application of rated voltage, leakage current is not more than
(µA) or 5 mA, whichever is smaller. (at 20°C)
[C : Rated Capacitance(µF), V : Voltage (V) ]
3 CV
Please refer to page 330 for schematic of dimensions.
Please contact to us if PVCless products are required.
CAT.8100C


Similar Description - LNY2G822MSEH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com