Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN70A36 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN70A36
Description  70MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A36 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN70A36 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A36 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A36 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A36
Rev. Date
2010-11-18
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
12MHz Bandwidth
Part Number: LBN70A36
Typical Performance
Frequency Respond
Passband Respond
45
50
55
60
65
70
75
80
85
90
95
-102.6449
-92.6449
-82.6449
-72.6449
-62.6449
-52.6449
-42.6449
-32.6449
-22.6449
60
62
64
66
68
70
72
74
76
78
80
-25
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
-21
-20.5
Group Delay Variation(f0±5.5MHz)
Phase Linearity(f0±5.5MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBN70A36

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A36 SIPAT-LBN70A36 Datasheet
138Kb / 3P
   70MHz SAW Filter 12MHz Bandwidth
More results

Similar Description - LBN70A36

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LB070DS30 SIPAT-LB070DS30 Datasheet
258Kb / 3P
   70MHz SAW Filter
LBN7044 SIPAT-LBN7044 Datasheet
145Kb / 3P
   70MHz SAW Filter
LBN70A71 SIPAT-LBN70A71 Datasheet
196Kb / 3P
   70MHz SAW Filter
LBN7012 SIPAT-LBN7012 Datasheet
145Kb / 3P
   70MHz SAW Filter
LBN07090 SIPAT-LBN07090 Datasheet
142Kb / 3P
   70MHz SAW Filter
LBN70A16 SIPAT-LBN70A16 Datasheet
251Kb / 3P
   70MHz SAW Filter
LBN70A28 SIPAT-LBN70A28 Datasheet
172Kb / 3P
   70MHz SAW Filter
LBN70A44 SIPAT-LBN70A44 Datasheet
150Kb / 3P
   70MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com