Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF041A-MHF-T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT25DF041A-MHF-T
Description  Minimum SPI Serial Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF041A-MHF-T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT25DF041A-MHF-T Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF041A-MHF-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
3668F–DFLASH–11/2013
AT25DF041A
2.
Pin Descriptions and Pinouts
Table 2-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT:
Asserting the CS pin selects the device. When the CS pin is deasserted, the
device will be deselected and normally be placed in standby mode (not Deep Power-down mode),
and the SO pin will be in a high-impedance state. When the device is deselected, data will not be
accepted on the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition
is required to end an operation. When ending an internally self-timed operation such as a program
or erase cycle, the device will not enter the standby mode until the completion of the operation.
Low
Input
SCK
SERIAL CLOCK:
This pin is used to provide a clock to the device and is used to control the flow of
data to and from the device. Command, address, and input data present on the SI pin is always
latched on the rising edge of SCK, while output data on the SO pin is always clocked out on the
falling edge of SCK.
Input
SI
SERIAL INPUT:
The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched on the rising
edge of SCK.
Input
SO
SERIAL OUTPUT:
The SO pin is used to shift data out from the device. Data on the SO pin is
always clocked out on the falling edge of SCK.
Output
WP
WRITE PROTECT:
The WP pin controls the hardware locking feature of the device. Please refer to
section “Protection Commands and Features” on page 15 for more details on protection features
and the WP pin.
The WP pin is internally pulled-high and may be left floating if hardware-controlled protection will
not be used. However, it is recommended that the WP pin also be externally connected to VCC
whenever possible.
Low
Input
HOLD
HOLD:
The HOLD pin is used to temporarily pause serial communication without deselecting or
resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on the
SI pin will be ignored, and the SO pin will be in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold
condition to start. A Hold condition pauses serial communication only and does not have an effect
on internally self-timed operations such as a program or erase cycle. Please refer to section “Hold”
on page 30 for additional details on the Hold operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold function will not be used.
However, it is recommended that the HOLD pin also be externally connected to VCC whenever
possible.
Low
Input
VCC
DEVICE POWER SUPPLY:
The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be attempted.
Power
GND
GROUND:
The ground reference for the power supply. GND should be connected to the
system ground.
Power
Figure 2-1.
8-SOIC Top View
Figure 2-2.
8-UDFN Top View
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8
7
6
5
1
2
3
4


Similar Part No. - AT25DF041A-MHF-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF041A-MHF-T ATMEL-AT25DF041A-MHF-T Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A-MHF-T ATMEL-AT25DF041A-MHF-T Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF041A-MHF-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
ATMEL Corporation
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
   4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25DF011 DIALOG-AT25DF011 Datasheet
485Kb / 3P
   1-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com