Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN70A42 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN70A42
Description  70MHz IF SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A42 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN70A42 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A42 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A42 Datasheet HTML 3Page - SIPAT Co,Ltd LBN70A42 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A42
Rev. Date
2007-05-24
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz IF SAW Filter
5MHz Bandwidth
Part Number: LBN70A42
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.9
70
70.1
Insertion Loss
dB
-
19.5
23
1 dB Bandwidth
MHz
-
5.23
-
3 dB Bandwidth
MHz
5.3
5.42
5.5
40 dB Bandwidth
MHz
-
6.16
-
Passband Variation
dB
-
0.6
1.2
Absolute Delay
usec
-
3.7
4
f0±3.1MHz
dB
35
43
-
f0±3.3MHz
dB
45
58
-
f0±3.7MHz
dB
50
55
-
Ultimate Rejection
f0±7.7MHz
dB
55
59
-
Material Temperature coefficient
KHz/°C
-6.58
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN70A42

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A42 SIPAT-LBN70A42 Datasheet
145Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
More results

Similar Description - LBN70A42

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A43 SIPAT-LBN70A43 Datasheet
146Kb / 4P
   70MHz IF SAW Filter
logo
Oscilent Corporation
821-IF70.0M-26C OSCILENT-821-IF70.0M-26C Datasheet
214Kb / 6P
   70MHz IF SAW Filter 26.55MHz Bandwidth
logo
Golledge Electronics Lt...
MA05555 GOLLEDGE-MA05555 Datasheet
102Kb / 4P
   IF SAW Filter 70MHz High Attenuation
logo
Oscilent Corporation
813-IF70.0M-26B OSCILENT-813-IF70.0M-26B Datasheet
216Kb / 6P
   70MHz IF SAW Filter 25.76MHz Bandwidth
logo
SIPAT Co,Ltd
LBT7028S SIPAT-LBT7028S Datasheet
141Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBS70A41 SIPAT-LBS70A41 Datasheet
148Kb / 4P
   70MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
820-IF70.0M-05B OSCILENT-820-IF70.0M-05B Datasheet
220Kb / 6P
   70MHz IF SAW Filter 5.28MHz Bandwidth
logo
SIPAT Co,Ltd
LBS70A41 SIPAT-LBS70A41 Datasheet
143Kb / 4P
   70MHz IF SAW Filter 3MHz Bandwidth
LBN70A42 SIPAT-LBN70A42 Datasheet
145Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBN70A43 SIPAT-LBN70A43 Datasheet
141Kb / 4P
   70MHz IF SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com